Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF504 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-BF504
Description  Blackfin Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF504 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF504 Datasheet HTML 1Page - Analog Devices ADSP-BF504 Datasheet HTML 2Page - Analog Devices ADSP-BF504 Datasheet HTML 3Page - Analog Devices ADSP-BF504 Datasheet HTML 4Page - Analog Devices ADSP-BF504 Datasheet HTML 5Page - Analog Devices ADSP-BF504 Datasheet HTML 6Page - Analog Devices ADSP-BF504 Datasheet HTML 7Page - Analog Devices ADSP-BF504 Datasheet HTML 8Page - Analog Devices ADSP-BF504 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Preliminary Technical Data
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin
Embedded Processor
ADSP-BF504/F,ADSP-BF506F
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2010 Analog Devices, Inc. All rights reserved.
FEATURES
Up to 400 MHz high-performance Blackfin processor
Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs,
40-bit shifter
RISC-like register and instruction model for ease of
programming and compiler-friendly support
Advanced debug, trace, and performance monitoring
Accepts a range of supply voltages for internal and I/O opera-
tions. See Processor — Operating Conditions on Page 25
Internal 32M bit flash (available on ADSP-BF504F and
ADSP-BF506F processors)
Internal ADC (available on ADSP-BF506F processor)
Off-chip voltage regulator interface
88-lead (12 mm × 12 mm) LFCSP package for ADSP-BF504
and ADSP-BF504F processors
120-lead (14 mm × 14 mm) LQFP package for ADSP-BF506F
processor
MEMORY
68K bytes of L1 SRAM (processor core-accessible) memory:
(See Table 1 on Page 3 for L1 and L3 memory size details)
External (interface-accessible) memory controller with glue-
less support for internal 32M bit flash and boot ROM
Flexible booting options from internal flash and SPI memory
or from host devices including SPI, PPI, and UART
Memory management unit providing memory protection
PERIPHERALS
Two 32-bit up/down counters with rotary support
Eight 32-bit timers/counters with PWM support
Two three-phase 16-bit center-based PWM units
Two dual-channel, full-duplex synchronous serial ports
(SPORTs), supporting eight stereo I2S channels
Two Serial Peripheral Interface (SPI) compatible ports
Two UARTs with IrDA
® support
Parallel peripheral interface (PPI), supporting ITU-R 656
video data formats
Removable storage interface (RSI) controller for MMC, SD,
SDIO, and CE-ATA
Internal ADC with 12 channels, 12 bits, and up to 2 MSPS
ADC controller module (ACM), providing a glue-less interface
between Blackfin processor and internal or external ADC
Controller Area Network (CAN) controller
Two-wire interface (TWI) controller
12 peripheral DMAs
Two memory-to-memory DMA channels
Event handler with 52 interrupt inputs
35 general-purpose I/Os (GPIOs), with programmable
hysteresis
Debug/JTAG interface
On-chip PLL capable of frequency multiplication
Figure 1. Processor Block Diagram
SPORT1–0
VOLTAGE REGULATOR INTERFACE
GPIO
PORT F
PORT G
PORT H
JTAG TEST AND EMULATION
PERIPHERAL
ACCESS BUS
PWM 1–0
WATCHDOG TIMER
SPI1–0
RSI
ACM
PPI
CAN
COUNTER1–0
TWI
BOOT
ROM
DMA
ACCESS
BUS
INTERRUPT
CONTROLLER
DMA
CONTROLLER
L1 DATA
MEMORY
L1 INSTRUCTION
MEMORY
16
DCB
EAB
MEMORY PORT
FLASH CONTROL
B
UART1–0
DEB
32M BIT
FLASH
TIMER7–0
ADC


Similar Part No. - ADSP-BF504

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF506F AD-ADSP-BF506F Datasheet
1Mb / 75P
ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
More results

Similar Description - ADSP-BF504

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
Blackfin Embedded Processor
3/04-Revision 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
Blackfin Embedded Processor
May-2006
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
Blackfin Embedded Processor
Sep-2006
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
Blackfin Embedded Processor
REV. B
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
Blackfin Embedded Processor
Rev. I
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
Blackfin Embedded Processor
Rev. E
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
Blackfin Embedded Processor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com