Electronic Components Datasheet Search
  English  ▼

X  

EV8380 Datasheet(PDF) 26 Page - CML Microcircuits

Part # EV8380
Description  Family Radio Processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8380 Datasheet(HTML) 26 Page - CML Microcircuits

Back Button EV8380 Datasheet HTML 21Page - CML Microcircuits EV8380 Datasheet HTML 22Page - CML Microcircuits EV8380 Datasheet HTML 23Page - CML Microcircuits EV8380 Datasheet HTML 24Page - CML Microcircuits EV8380 Datasheet HTML 25Page - CML Microcircuits EV8380 Datasheet HTML 26Page - CML Microcircuits EV8380 Datasheet HTML 27Page - CML Microcircuits EV8380 Datasheet HTML 28Page - CML Microcircuits EV8380 Datasheet HTML 29Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Evaluation Kit for CMX838 Family Radio Processor
26
EV8380 User Manual
¤
¤
¤
¤2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480230.001
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
CONNECTOR PINOUT
Connector
Ref.
Connector
Pin No.
Signal Name
Signal Type
Description
3
GND
Ground
Analog signal ground
4
V- IN
Power
-ve power from external supply (not used)
P2
1
AOUT
Output
External signal processing path ‘A’ output
2
AGND
Ground
Analog signal ground
3
BOUT
Output
External signal processing path ‘B’ output
4
AGND
Ground
Analog signal ground
5
AIN
Input
External signal processing path ‘A’ input
6
AGND
Ground
Analog signal ground
7
BIN
Input
External signal processing path ‘B’ input
8
AGND
Ground
Analog signal ground
P3
1
RXOUT
Output
Processed receive audio output
2
AGND
Ground
Analog signal ground
3
NC
NC
No connection
4
NC
NC
No connection
P4
1
TXMOD1
Output
Transmit modulation output 1
2
SVSS
Ground
Analog signal ground
3
TXMOD2
Output
Transmit modulation output 2
4
SVSS
Ground
Analog signal ground
P5
1
RXIN
Input
Receive input for audio & subaudio signals
2
AGND
Ground
Analog signal ground
3
AUX
Bi-directional
Auxiliary signal input/output
4
AGND
Ground
Analog signal ground
5
MIC IN
Input
Auxiliary microphone input
6
AGND
Ground
Analog signal ground
7
NC
NC
NC
8
MIC OUT
Output
Microphone amplifier output
SM1
1
CP OUT
Output
Charge pump output current
2
SVSS
Ground
SM2
1
RFIN-
Input
Synthesizer RF positive input
2
SVSS
Ground
SM3
1
REF IN
Input
Reference oscillator input
2
SVSS
Ground
Table 5: Connector List
Test Point
Ref.
Description
TP1
CMX838 Auxiliary input/output
TP2
CMX838 Vbias
TP3
CMX838 Microphone amplifier output
Table 6: Test Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com