Electronic Components Datasheet Search
  English  ▼

X  

EV8380 Datasheet(PDF) 20 Page - CML Microcircuits

Part # EV8380
Description  Family Radio Processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8380 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button EV8380 Datasheet HTML 16Page - CML Microcircuits EV8380 Datasheet HTML 17Page - CML Microcircuits EV8380 Datasheet HTML 18Page - CML Microcircuits EV8380 Datasheet HTML 19Page - CML Microcircuits EV8380 Datasheet HTML 20Page - CML Microcircuits EV8380 Datasheet HTML 21Page - CML Microcircuits EV8380 Datasheet HTML 22Page - CML Microcircuits EV8380 Datasheet HTML 23Page - CML Microcircuits EV8380 Datasheet HTML 24Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Evaluation Kit for CMX838 Family Radio Processor
20
EV8380 User Manual
¤
¤
¤
¤2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480230.001
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.
Write the following values to the SUBAUDIO TASK DATA ($95) register.
a.
$81 (to enable tone detector 1 (67.0 Hz)) value = 0x80 | 0x01, then wait 50
µs minimum
b.
$87 (to enable tone detector 7 (82.5 Hz)), then wait 50
µs minimum
c.
$8A (to enable tone detector 10 (91.5 Hz)), then wait 50
µs minimum
d.
$8C (to enable tone detector 12 (97.4 Hz), then wait 50
µs minimum
e.
$92 (to enable tone detector 18 (118.8 Hz)), then wait 50
µs minimum
f.
$94 (to enable tone detector 20 (127.3 Hz)), then wait 50
µs minimum
5.
Write $40 to SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register.
a.
This step includes power control, IRQ control, and the issuance of task 0 to place the device back
in normal running mode
5.2.6
How to Detect a User-Defined Subaudio Tone
Task 5 (program user-defined subaudio tone) effectively programs the center frequency of user
programmable detector 51.
To detect the presence of a user-defined subaudio tone, the user must first calculate the argument data
corresponding to the desired tone according to the following formulas:
R
N
Argument
f
N
INT
R
f
INT
N
+
⋅
=
¸¸¹
·
¨¨©
§
⋅
⋅
−
+
=
¸
¹
·
¨
©
§
⋅
⋅
=
64
96
100000
511
5
.
0
100000
511
96
The argument data for 65 Hz would be 31*64+14 = 1998 = $07CE.
The argument data is loaded into the argument data register, and task 5 is then issued to the tone signaling
processor.
The programmed center frequency can be back calculated by:
)
511
(
96
100000
R
N
f
−
⋅
=
In the above example, the actual center frequency would be 64.97 Hz.
NOTE
: To determine the value to load in the SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register,
the power control and IRQ control bits should be logically “OR-ed” with the desired task field.
For example, a C-BUS sequence to enable detection of a 65Hz tone (user-defined) would be:
1.
Write $07CE to 16 BIT SUBAUDIO TASK DATA ($8E) register.
a.
This is the required argument data for 65Hz tone.
2.
Write $45 to SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register.
a.
Task 5 command (No IRQs enabled)
3.
Wait 250
µs
4.
Write $3F to SUBAUDIO TASK DATA ($95) register.
a.
Task 4 argument data to disable all decoders.
5.
Write $44 to SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register
a.
Task 4 command (No IRQs enabled
6.
Wait 250
µs
7.
Write $B3 to SUBAUDIO TASK DATA ($95) register.
a.
Task 4 argument data to enable decoder 51 (The user-definable one)
8.
Write $64 to SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register.
a.
Task 4 command (with IRQs enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com