| Electronic Components Datasheet Search |
|
EV8380 Datasheet(PDF) 19 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV8380 Datasheet(HTML) 19 Page - CML Microcircuits |
|
19 / 29 page ![]() Evaluation Kit for CMX838 Family Radio Processor 19 EV8380 User Manual ¤ ¤ ¤ ¤2001 MX-COM, Inc. www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054 Doc. # 20480230.001 4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA All trademarks and service marks are held by their respective companies. The argument data has the following format in the SUBAUDIO TASK DATA ($95) register: Bit 7 Bit 6 Bits 5-0 1=enable 0=disable Don’t care Tone detector index number (1-51) Additionally using index 63 can enable or disable all detectors while issuing just one task. Enabling index 62 enables detection of all TIA-603 Tones. There is no single command to disable just the TIA-603 Tone Detectors – instead use index 63 to disable all detectors. NOTE : To determine the value to load in the SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register, the power control and IRQ control bits should be logically “OR-ed” with the desired task field. For example, to configure the CMX838 to detect a 67Hz tone: 1. Write $81 to SUBAUDIO TASK DATA ($95) register. 2. Write $64 to SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register. 5.2.5 How to Quickly Enable/Disable Multiple Detectors Task 13 places the tone signaling processor in a mode that allows multiple detectors to be quickly configured. Just as for task 12, neither the tone encoders nor the tone decoders operate in this mode. The argument data for this task is defined as for task 4 (enable/disable tone detector). When task 13 is executed, the tone signaling processor reverts to “Fast Initialization Mode” when any other task is issued. To return to normal operation, task 0 (normal operation) must be issued to the tone signaling processor. NOTE: When enabling or disabling tone detectors with task 13, the argument data in the SUBAUDIO TASK DATA ($95) register has the following format: Bit 7 Bit 6 Bits 5-0 1=enable 0=disable Don’t care Tone detector index number (1-51) Additionally using index 63 can enable or disable all detectors while issuing just one task. Enabling index 62 enables detection of all TIA-603 Tones. There is no single command to disable just the TIA-603 Tone Detectors – instead use index 63 to disable all detectors. NOTE : To determine the value to load in the SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register, the power control and IRQ control bits should be logically “OR-ed” with the desired task field. The following example shows how to enable tone detectors 1, 7, 10, 12, 18, and 20 only. (NOTE: Multiple calls to Task 4 can also be used to enable or disable multiple detectors but would, however, require more C-BUS transactions and a waiting period of 250 µs after each task 4 call. The use of multiple calls to task 4 would allow the tone decoders to continue to run, however.) To disable all tone detectors and enter “quickly enable multiple detectors mode”: 1. Write $3F to SUBAUDIO TASK DATA ($95) register. 2. Write $4D to SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register. 3. Wait 250 µs to ensure the CMX838 performs Task 13 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |