Electronic Components Datasheet Search
  English  ▼

X  

EV8380 Datasheet(PDF) 16 Page - CML Microcircuits

Part # EV8380
Description  Family Radio Processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8380 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button EV8380 Datasheet HTML 12Page - CML Microcircuits EV8380 Datasheet HTML 13Page - CML Microcircuits EV8380 Datasheet HTML 14Page - CML Microcircuits EV8380 Datasheet HTML 15Page - CML Microcircuits EV8380 Datasheet HTML 16Page - CML Microcircuits EV8380 Datasheet HTML 17Page - CML Microcircuits EV8380 Datasheet HTML 18Page - CML Microcircuits EV8380 Datasheet HTML 19Page - CML Microcircuits EV8380 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Evaluation Kit for CMX838 Family Radio Processor
16
EV8380 User Manual
¤
¤
¤
¤2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480230.001
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
RX SETUP SEQUENCE:
1)
Write $40 to SYNTHESIZER BASEBAND CLOCK CONTROL ($89) register:
a.
Baseband clock source supplied from external crystal.
b.
Bits 5-3 are “don’t care”, as CMX838 RF synthesizer clock is not used for baseband clock
generation.
c.
4.0MHz crystal oscillator used for baseband clock generation.
9) Write $3F to SETUP ($80) register:
a.
Rx Enabled
b.
RXIN selected as input signal source
c.
HPF output passed to deviation limiter input
d.
Rx O/P enabled (this bit should be set to 1 for CMX838 engineering samples)
10) Write $1F to AUDIO CONTROL ($81) register:
a.
First stage of audio filtering configured for pre-emphasis response
b.
Audio signal routed through HPF
c.
Audio level (gain stage between pre-emphasis/LPF and HPF) set to +7.5dB
11) Write $99 to RX AUDIO LEVEL CONTROL ($82) register:
a.
Deviation limiter is bypassed
b.
Audio signal is passed through post-deviation limiter LPF & de-emphasis network
c.
Rx volume control set to +3.0dB
12) Write $54 to AUDIO POWER AND BANDWIDTH CONTROL ($83) register:
a.
Modulation digitally controlled amplifiers (DCA) and microphone amplifier configured for low
power consumption
b.
Audio filters, deviation limiter, and audio level DCA configured for low power consumption
c.
De-emphasis network and Rx Audio Out DCA configured for low power consumption
d.
Post-deviation limiter LPF set to wide setting
e.
Bit 0 is unused
13) Write $0000 to TX MOD 1 & 2 CONTROL ($88) register:
a.
Tx Mod 2 output set to Vbias
b.
Tx Mod 2 output gain set to off
c.
Tx Mod 1 output set to Vbias
d.
Tx Mod 1 output gain set to off
14) Write $44 to SYNTHESIZER GENERAL CONTROL ($8A) register:
a.
Synthesizer is enabled
b.
Lock detect IRQ is masked
c.
Magnitude of charge pump current is 40*Iset
d.
Positive VCO gain slope
e.
FRS channels selected
15) Write $01 to SYNTHESIZER CHANNEL SELECT ($8B) register:
a.
Bits 7 and 6 should always be set to zero
b.
Lock detect comparison window set to +/- 20ns
c.
FRS channel 1 selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com