Electronic Components Datasheet Search
  English  ▼

X  

EV8380 Datasheet(PDF) 13 Page - CML Microcircuits

Part # EV8380
Description  Family Radio Processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8380 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button EV8380 Datasheet HTML 9Page - CML Microcircuits EV8380 Datasheet HTML 10Page - CML Microcircuits EV8380 Datasheet HTML 11Page - CML Microcircuits EV8380 Datasheet HTML 12Page - CML Microcircuits EV8380 Datasheet HTML 13Page - CML Microcircuits EV8380 Datasheet HTML 14Page - CML Microcircuits EV8380 Datasheet HTML 15Page - CML Microcircuits EV8380 Datasheet HTML 16Page - CML Microcircuits EV8380 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Evaluation Kit for CMX838 Family Radio Processor
13
EV8380 User Manual
¤
¤
¤
¤2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480230.001
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
CTCSS Tone
Tone Index (hex)
CTCSS Tone
Tone Index (hex)
67.0
01
156.7
1A
69.3
02
159.8
1B
71.9
03
162.2
1C
74.4
04
165.5
1D
77.0
05
167.9
1E
79.7
06
171.3
1F
82.5
07
173.8
20
85.4
08
177.3
21
88.5
09
179.9
22
91.5
0A
183.5
23
94.8
0B
186.2
24
97.4
0C
189.9
25
100.0
0D
192.8
26
103.5
0E
196.6
27
107.2
0F
199.5
28
110.9
10
203.5
29
114.8
11
206.5
2A
118.8
12
210.7
2B
123.0
13
218.1
2C
127.3
14
225.7
2D
131.8
15
229.1
2E
136.5
16
233.6
2F
141.3
17
241.8
30
146.2
18
250.3
31
151.4
19
254.1
32
$33 = user programmable mode
$3E = all TIA-603 tones selected
$3F = all tones selected (user programming and TIA-603)
Table 2: CMX838 Standard CTCSS Tone Table
The following information describes important timing aspects of the various operating modes of the tone
signaling processor:
1) CMX838 clocks must be properly set up and running before any tasks can be issued to the tone
signaling processor.
2) During normal operation, tasks can be issued to the SUBAUDIO PROCESSOR GENERAL CONTROL
($93) register at a maximum rate of one task every 250
µs.
a.
If the tone signaling processor is in its “Fast Initialization” mode, tasks can be issued to the
SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register at a maximum rate of one task
every 50
µs.
3) For tasks that involve “argument data” (such as information corresponding to a particular tone), the
argument data must be loaded into the argument register first. After the argument data has been
loaded, the appropriate task should then be loaded into the SUBAUDIO PROCESSOR GENERAL
CONTROL ($93) register.
a) Once “argument data” has been passed to the argument register, no delay is required before
writing the corresponding task to the SUBAUDIO PROCESSOR GENERAL CONTROL ($93)
register.
4) After a task has been loaded into the SUBAUDIO PROCESSOR GENERAL CONTROL ($93) register,
a minimum wait time of 250
µs must be observed before modifying the contents of any argument data
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com