Electronic Components Datasheet Search
  English  ▼

X  

EV8380 Datasheet(PDF) 9 Page - CML Microcircuits

Part # EV8380
Description  Family Radio Processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8380 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button EV8380 Datasheet HTML 5Page - CML Microcircuits EV8380 Datasheet HTML 6Page - CML Microcircuits EV8380 Datasheet HTML 7Page - CML Microcircuits EV8380 Datasheet HTML 8Page - CML Microcircuits EV8380 Datasheet HTML 9Page - CML Microcircuits EV8380 Datasheet HTML 10Page - CML Microcircuits EV8380 Datasheet HTML 11Page - CML Microcircuits EV8380 Datasheet HTML 12Page - CML Microcircuits EV8380 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Evaluation Kit for CMX838 Family Radio Processor
9
EV8380 User Manual
¤
¤
¤
¤2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480230.001
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
CMX838 Register Name
Register
Address
CMX838
function area
Appropriate
C-BUS Script
Command
GENERAL RESET
01
system
W1
AUDIO POWER AND BANDWIDTH CONTROL
83
system
W2
SYNTHESIZER BASEBAND CLK CONTROL
89
system
W2
SETUP REGISTER
80
audio
W2
AUDIO CONTROL
81
audio
W2
SYNTHESIZER GENERAL CONTROL
8A
synthesizer
W2
SYNTHESIZER CHANNEL SELECT
8B
synthesizer
W2
SYNTHESIZER 1ST IF OFFSET
8D
synthesizer
W3
SYNTHESIZER STATUS
8C
synthesizer
R2
SUBAUDIO GENERAL CONTROL
93
subaudio
W2
SUBAUDIO STATUS
94
subaudio
R2
8 BIT SUBAUDIO TASK DATA
95
subaudio
W2
16 BIT SUBAUDIO TASK DATA
8E
subaudio
W3
SUBAUDIO ANALOG LEVEL CONTROL
97
subaudio
W3
TX MOD 1&2 CONTROL
88
output
W3
RX VOLUME CONTROL
82
output
W2
Table 3, CMX838 Registers and Valid C-BUS Script Commands
3.2.6.3
Pause Type Commands
Pauses are supported to allow the installed CMX838 to ‘dwell’ in a configured state for an extended period.
For example, the CMX838 may be configured to emit an audio tone and script pause commands may be used
to determine the length of the tone before it is turned off.
One pause command is of a fixed duration. The other has a maximum duration but is terminated when the
CMX838 asserts its hardware interrupt.
Script
command
Description
NOTE
T
Pause for the specified number of 10uS ‘ticks’ written in decimal
form e.g. an argument value of 6500 yields a pause duration of
65mS.
The maximum valid
argument value is 6500.
I
Pause for the specified number of 10uS ‘ticks’ in decimal form but
terminate the pause immediately upon receiving a CMX838
interrupt.
The maximum valid
argument value is 6500.
Table 4, Pause Type Commands
NOTES:
1.
Argument must be in decimal form without any preceding characters such as “0d”.
2.
The “I” script command is the letter “i”, not the letter “L”.
3.2.6.4
Script Example
A short segment of sample script follows. Note there are tabs between each field that are not visible in this
document.
// general reset
W1
01
W2
89
40
// clock control base band from XTAL 4MHz
T
6500
// pause 65mS
T
6500
// pause 65mS
T
6500
// pause 65mS
W2
80
DE
// TX mode, Aux I/O Selected, HPF Out to LPF/Lim In
W2
81
61
// LPF + -7.5 dB Gain
W2
82
24
// Bypass de-emphasis, Rx out Gain = -28.5 dB
W2
83
56
// audio lowest current mode with Narrow Band LPF
W3
88
503F
// Audio & Sub-audio on
Mod2 0dB, Audio on Mod1 7.5dB
W3
97
1010
// Sub Audio Analog Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com