Electronic Components Datasheet Search
  English  ▼

X  

EV8380 Datasheet(PDF) 8 Page - CML Microcircuits

Part # EV8380
Description  Family Radio Processor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8380 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button EV8380 Datasheet HTML 4Page - CML Microcircuits EV8380 Datasheet HTML 5Page - CML Microcircuits EV8380 Datasheet HTML 6Page - CML Microcircuits EV8380 Datasheet HTML 7Page - CML Microcircuits EV8380 Datasheet HTML 8Page - CML Microcircuits EV8380 Datasheet HTML 9Page - CML Microcircuits EV8380 Datasheet HTML 10Page - CML Microcircuits EV8380 Datasheet HTML 11Page - CML Microcircuits EV8380 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Evaluation Kit for CMX838 Family Radio Processor
8
EV8380 User Manual
¤
¤
¤
¤2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480230.001
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
EV8380 GUI scripting is provided as a simple tool to support rapid development. It is not a complete
programming language with conditional branches, syntax checking, bounds checking, etc. so the users must
ensure their scripts are accurate.
3.2.6.1
Script Command Types and Syntax
Script commands are of two types: C-BUS operations and script directive. Their syntax is shown in the
below.
Script
Command
Type
Syntax
Notes
C-BUS
command<tab>register<tab>[argument]
•
The selected C-BUS register address
determines whether an argument is required
and its size.
•
Both C-BUS register address and argument (if
any) must be in hexadecimal form without any
preceding characters such as “$” or “0x”.
Pause
command<tab>argument
•
Argument must be in decimal form without any
preceding characters such as “0d”.
Table 1, Script Command Types
Comments are also supported by using “//” to indicate the start of a comment. Text following “//” in any line is
treated as a comment and ignored.
3.2.6.2
C-BUS Type Commands
Valid values for the C-BUS type script command fields are described in the following tables.
Script
command
Description
W1
single byte C-BUS write; single byte is a C-BUS address
W2
two byte C-BUS write; first byte is a C-BUS address, second byte is an 8 bit C-BUS data
argument
W3
three byte C-BUS write; first byte is a C-BUS address, second and third bytes are a 16 bit
C-BUS data argument
R2
single byte C-BUS read: single byte is the address of the 8 bit C-BUS register being read
R3
double byte C-BUS read: single byte is the address of the 16 bit C-BUS register being read
Table 2, C-BUS Type Commands
NOTES:
1.
Both C-BUS register address and argument (if any) must be in hexadecimal form without any preceding
characters such as “$” or “0x”.
2.
Each C-BUS register supports a single argument size and operation type (read or write). It is an error to
use a script command that does not match a register’s size e.g. using a W1 script command to write to a
2 byte C-BUS register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com