Electronic Components Datasheet Search
  English  ▼

X  

FX929AP4 Datasheet(PDF) 32 Page - CML Microcircuits

Part # FX929AP4
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AP4 Datasheet(HTML) 32 Page - CML Microcircuits

Back Button FX929AP4 Datasheet HTML 28Page - CML Microcircuits FX929AP4 Datasheet HTML 29Page - CML Microcircuits FX929AP4 Datasheet HTML 30Page - CML Microcircuits FX929AP4 Datasheet HTML 31Page - CML Microcircuits FX929AP4 Datasheet HTML 32Page - CML Microcircuits FX929AP4 Datasheet HTML 33Page - CML Microcircuits FX929AP4 Datasheet HTML 34Page - CML Microcircuits FX929AP4 Datasheet HTML 35Page - CML Microcircuits FX929AP4 Datasheet HTML 36Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
32
D/929A/4
1.6.2
Receive Frame Examples
The operations needed to receive a single Frame consisting of Symbol and Frame Sync sequences, Station ID
block and one each Header, Intermediate and Last blocks are shown below;
1.
Ensure that the Control Register has been loaded with suitable CKDIV, FSTOL, LEVRES and
PLLBW valus, and that the IRQNEN bit of the Mode Register is '1', the TXRXN, RXEYE, PSAVE and
SSIEN bits are '0', and the INVSYM bit is set appropriately.
2.
Wait until the received carrier has been present for at least 8 symbol times (see Section 1.6.3).
3.
Read the Status Register to ensure that the BFREE bit is '1'.
4.
Write a byte containing a SFP task with the AQSC and AQLEV bits set to '1' to the Command
Register.
5.
Wait for an interrupt from the modem, read the Status Register; the IRQ and BFREE bits should be
'1' and the CRCERR and DIBOVF bits should be '0'.
6.
Read 3 Station ID bytes from the Data Block Buffer.
7.
Write a RHB task to the Command Register.
8.
Wait for an interrupt from the modem, read the Status Register; the IRQ and BFREE bits should be
'1' and the DIBOVF bit '0'.
9.
Check that the CRCERR bit of the Status Register is '0' and read 10 Header Block bytes from the
Data Block Buffer.
10
Write a RILB task to the Command Register.
11.
Wait for an interrupt from the modem, read the Status Register; the IRQ and BFREE bits should be
'1' and the DIBOVF bit '0'.
12.
Read 12 Intermediate Block bytes from the Data Block Buffer.
13.
Write a RILB task to the Command Register.
14.
Wait for an interrupt from the modem, read the Status Register; the IRQ and BFREE bits should be
'1' and the DIBOVF bit '0'.
15.
Check that the CRCERR bit of the Status Register is '0' and read the 8 Last Block bytes from Data
Buffer.
Note: The value of the latest 'S' symbol received will be contained in the SVAL bits each time that the Status
Register is read. If desired, the Mode Register SSIEN bit may be set to '1', which will cause a µC interrupt after
every 'S' symbol is received - in which case the µC will have to distinguish between interrupts caused by the
BFREE bit going to '1', and those caused by the SRDY bit being set to '1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com