Electronic Components Datasheet Search
  English  ▼

X  

FX929AP4 Datasheet(PDF) 14 Page - CML Microcircuits

Part # FX929AP4
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AP4 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button FX929AP4 Datasheet HTML 10Page - CML Microcircuits FX929AP4 Datasheet HTML 11Page - CML Microcircuits FX929AP4 Datasheet HTML 12Page - CML Microcircuits FX929AP4 Datasheet HTML 13Page - CML Microcircuits FX929AP4 Datasheet HTML 14Page - CML Microcircuits FX929AP4 Datasheet HTML 15Page - CML Microcircuits FX929AP4 Datasheet HTML 16Page - CML Microcircuits FX929AP4 Datasheet HTML 17Page - CML Microcircuits FX929AP4 Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
14
D/929A/4
1.5.5.2
Command Register
Writing to this register tells the modem to perform a specific action or actions, depending on the setting of the
TASK, AQLEV and AQSC bits.
When it has no action to perform, the modem will be in an 'idle' state. If the modem is in transmit mode the input
to the Tx RRC filter will be connected to VBIAS. In receive mode the modem will continue to measure the
received data quality and extract symbols from the received signal, supplying them to the de-interleave buffer,
but will otherwise ignore the received data.
Command Register B7: AQSC - Acquire Symbol Clock
This bit has no effect in transmit mode.
In receive mode, whenever a byte with the AQSC bit set to '1' is written to the Command Register, and TASK is
not set to RESET, it initiates an automatic sequence designed to achieve symbol timing synchronisation with
the received signal as quickly as possible. This involves setting the Phase Locked Loop of the received bit
timing extraction circuits to its widest bandwidth, then gradually reducing the bandwidth as timing
synchronisation is achieved, until it reaches the 'normal' value set by the PLLBW bits of the Control Register.
Setting this bit to '0' (or changing it from '1' to '0') has no effect, however note that the acquisition sequence will
be re-started every time that a byte written to the Command Register has the AQSC bit set to '1'.
The use of the symbol clock acquisition sequence is described in section 1.6.3.
Command Register B6: AQLEV - Acquire Receive Signal Levels
This bit has no effect in transmit mode.
In receive mode, whenever a byte with the AQLEV bit set to '1' is written to the Command Register and TASK
is not set to RESET, it initiates an automatic sequence designed to measure the amplitude and dc offset of the
received signal as rapidly as possible. This sequence involves setting the measurement circuits to respond
quickly at first, then gradually increasing their response time, hence improving the measurement accuracy, until
the 'normal' value set by the LEVRES bits of the Control Register is reached.
Setting this bit to '0' (or changing it from '1' to '0') has no effect, however note that the acquisition sequence will
be re-started every time that a byte written to the Command Register has the AQLEV bit set to '1'.
The use of the level measurement acquisition sequence (AQLEV) is described in section 1.6.3.
Command Register B5: CRC
This bit allows the user to select between two different forms of the CRC0, CRC1 and CRC2 checksums.
When this bit is set to '1' the CRC generators are initialised to 'all zeros', as required by RD-LAP systems.
When this bit is set to '0' the CRC generators are initialised to 'all ones' as required by CCITT X25 based
systems. It should always be set to '1' for RD-LAP compatibility, other systems may set this bit as required.
Command Register B4, B3
These two bits should always be set to '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com