Electronic Components Datasheet Search
  English  ▼

X  

FX929AP4 Datasheet(PDF) 35 Page - CML Microcircuits

Part # FX929AP4
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AP4 Datasheet(HTML) 35 Page - CML Microcircuits

Back Button FX929AP4 Datasheet HTML 31Page - CML Microcircuits FX929AP4 Datasheet HTML 32Page - CML Microcircuits FX929AP4 Datasheet HTML 33Page - CML Microcircuits FX929AP4 Datasheet HTML 34Page - CML Microcircuits FX929AP4 Datasheet HTML 35Page - CML Microcircuits FX929AP4 Datasheet HTML 36Page - CML Microcircuits FX929AP4 Datasheet HTML 37Page - CML Microcircuits FX929AP4 Datasheet HTML 38Page - CML Microcircuits FX929AP4 Datasheet HTML 39Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
35
D/929A/4
1.6.3
Clock Extraction and Level Measurement Systems
The FX929A is intended for use in systems where:
-
The Symbol Sync pattern is transmitted immediately on start-up of the transmitter, before the first
Frame Sync pattern (see Figure 17).
-
A Base Station may remain powered up indefinitely, transmitting concatenated Frames without
intervening Symbol Sync patterns (each Frame starting with the Frame Synch pattern and symbol
timing being maintained from one Frame to the next).
-
A receiving modem may be switched onto a channel before the distant transmitter has started up, or
may be switched onto a channel where the transmitting station is already sending concatenated
Frames.
Whenever the receiving modem is enabled or switched onto a channel it needs to establish the received
symbol levels and timing and look for a Frame Sync pattern in the incoming signal. This is best done by the
following procedure.
1.
Ensure that the Control Register's PLLBW bits are set to 'Wide' and the LEVRES bits to 'Slow Peak
Detect'.
2.
Wait until a received carrier has been present for 8 symbol times. This 8-symbol delay gives time for
the received signal to propagate through the modem's RRC filter and can usefully be included in the
radio's carrier detect circuitry.
3.
Write a SFS or SFP task to the Command Register with the AQSC and AQLEV bits set to '1'.
4.
When the modem interrupts to signal that it has recognised a Frame Sync pattern (or completed the
SFP task) then change the PLLBW bits to 'Medium'.
Once the receiving modem has achieved level and symbol timing synchronisation with a particular channel - as
evidenced by recognition of a Frame Sync pattern - then subsequent concatentated Frames can be read by
simply issuing SFS or SFP tasks at appropriate times, keeping the ASQSC and AQLEV bits at zero, and the
PLLLBW and LEVRES bits at their current 'Medium' and 'Slow Peak Detect' settings.
Received signal
from FM discriminator
to Modem :
Set AQSC and AQLEV bits
to start acquisition sequences :
Symbol Sync
Frame Sync
rest of frame
noise
Level Measurement and
Clock Extraction circuits :
8-symbol delay
Increasing accuracy and lengthening response times
Figure 17 Acquisition Sequence Timing (Transmitter Power-Up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com