Electronic Components Datasheet Search
  English  ▼

X  

FX929AP4 Datasheet(PDF) 18 Page - CML Microcircuits

Part # FX929AP4
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AP4 Datasheet(HTML) 18 Page - CML Microcircuits

Back Button FX929AP4 Datasheet HTML 14Page - CML Microcircuits FX929AP4 Datasheet HTML 15Page - CML Microcircuits FX929AP4 Datasheet HTML 16Page - CML Microcircuits FX929AP4 Datasheet HTML 17Page - CML Microcircuits FX929AP4 Datasheet HTML 18Page - CML Microcircuits FX929AP4 Datasheet HTML 19Page - CML Microcircuits FX929AP4 Datasheet HTML 20Page - CML Microcircuits FX929AP4 Datasheet HTML 21Page - CML Microcircuits FX929AP4 Datasheet HTML 22Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
18
D/929A/4
As each of the 3 'S' symbols of the block is received, the SVAL bits of the Status Register will be updated and
the SRDY bit set to '1'. (If the SSIEN bit of the Mode Register is '1', then the Status Register IRQ bit will also be
set to '1'.) Note that when the third 'S' symbol is received, the SRDY bit will be set to '1' coincidentally with the
BFREE bit also being set to '1'.
SFS: Search for Frame Sync
This task - which is intended for special test and channel monitoring purposes - performs the first two parts only
of a SFP task. It causes the modem to search the received signal for a 24-symbol sequence which matches the
required Frame Synchronisation pattern to within the tolerance defined by the FSTOL bits of the Mode
Register.
When a match is found the modem will read in the following 'S' symbol, then set the BFREE, IRQ and SRDY
bits of the Status Register to '1' and update the SVAL bits. The µC may then write the next task to the
Command Register.
R4S: Read 4 Symbols
This task causes the modem to read the next 4 symbols and translate them directly (without de-interleaving or
FEC) to an 8-bit byte which is placed into the Data Block Buffer. The BFREE and IRQ bits of the Status
Register will then be set to '1' to indicate that the µC may read the data byte from the Data Block Buffer and
write the next task to the Command Register.
This task is intended for special tests and channel monitoring - perhaps preceded by SFS task
RSID: Read Station ID
This task causes the modem to read in and decode the following 23 symbols as Station ID data followed by an
'S' symbol. It is similar to the last two parts of a SFP task except that it will not re-start if the received CRC0 is
incorrect. It would normally follow a SFS task.
The 3 decoded bytes will be placed into the Data Block Buffer, and the CRCERR bit of the Status Register set
to '1' if the received CRC0 was incorrect, otherwise it will be cleared to '0'. The SVAL bits of the Status Register
will be updated and the BFREE, SRDY and IRQ bits set to '1' to indicate that the µC may read the 3 received
bytes from the Data Block Buffer and write the next task to the modem's Command Register.
T24S: Transmit 24 Symbols
This task, which is intended to facilitate the transmission of Symbol and Frame Sync patterns as well as special
test sequences, takes 6 bytes of data from the Data Block Buffer and transmits them as 24 4-level symbols
without any CRC, FEC, interleaving or adding any 'S' symbols.
Byte 0 of the Data Block Buffer is sent first, byte 5 last.
Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status
Register will be set to '1', indicating to the µC that it may write the data and command byte for the next task to
the modem.
The tables below show what data has to be written to the Data Block Buffer to transmit the FX929A Symbol and
Frame Sync sequences:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com