Electronic Components Datasheet Search
  English  ▼

X  

FX929AP4 Datasheet(PDF) 19 Page - CML Microcircuits

Part # FX929AP4
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AP4 Datasheet(HTML) 19 Page - CML Microcircuits

Back Button FX929AP4 Datasheet HTML 15Page - CML Microcircuits FX929AP4 Datasheet HTML 16Page - CML Microcircuits FX929AP4 Datasheet HTML 17Page - CML Microcircuits FX929AP4 Datasheet HTML 18Page - CML Microcircuits FX929AP4 Datasheet HTML 19Page - CML Microcircuits FX929AP4 Datasheet HTML 20Page - CML Microcircuits FX929AP4 Datasheet HTML 21Page - CML Microcircuits FX929AP4 Datasheet HTML 22Page - CML Microcircuits FX929AP4 Datasheet HTML 23Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
19
D/929A/4
'Symbol Sync'
Values written to Data Block Buffer
Symbols
Binary
Hex
+3
+3
-3
-3
Byte 0:
11110101
F5
+3
+3
-3
-3
Byte 1:
11110101
F5
+3
+3
-3
-3
Byte 2:
11110101
F5
+3
+3
-3
-3
Byte 3:
11110101
F5
+3
+3
-3
-3
Byte 4:
11110101
F5
-3
-3
+3
+3
Byte 5 :
01011111
5F
'Frame Sync'
Values written to Data Block Buffer
Symbols
Binary
Hex
-1
+1
-1
+1
Byte 0:
00100010
22
-1
+3
-3
+3
Byte 1:
00110111
37
-3
-1
+1
-3
Byte 2:
01001001
49
+3
+3
-1
+1
Byte 3:
11110010
F2
-3
-3
+1
+3
Byte 4:
01011011
5B
-1
-3
+1
+3
Byte 5:
00011011
1B
THB: Transmit Header Block
This task takes 10 bytes of data (Address and Control) from the Data Block Buffer, calculates and appends the
2-byte CRC1 checksum, translates the result to 4-level symbols (with FEC), interleaves the symbols and
transmits the result as a formatted 'Header' Block , inserting 'S' symbols at 22-symbol intervals.
Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status
Register will be set to '1'.
TIB: Transmit Intermediate Block
This task takes 12 bytes of data from the Data Block Buffer, updates the 4-byte CRC2 checksum for inclusion
in the 'Last' block, translates the 12 data bytes to 4-level symbols (with FEC), interleaves the symbols and
transmits the result as a formatted 'Intermediate' Block , inserting 'S' symbols at 22-symbol intervals.
Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status
Register will be set to '1'.
TLB: Transmit Last Block
This task takes 8 bytes of data from the Data Block Buffer, updates and appends the 4-byte CRC2 checksum,
translates the resulting 12 bytes to 4-level symbols (with FEC), interleaves the symbols and transmits the result
as a formatted 'Last' Block , inserting 'S' symbols at 22-symbol intervals.
Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status
Register will be set to '1'.
T4S: Transmit 4 Symbols
This task is similar to T24S but takes only one byte from the Data Block Buffer, transmitting it as four 4-level
symbols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com