Electronic Components Datasheet Search
  English  ▼

X  

FX929AP4 Datasheet(PDF) 41 Page - CML Microcircuits

Part # FX929AP4
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AP4 Datasheet(HTML) 41 Page - CML Microcircuits

Back Button FX929AP4 Datasheet HTML 36Page - CML Microcircuits FX929AP4 Datasheet HTML 37Page - CML Microcircuits FX929AP4 Datasheet HTML 38Page - CML Microcircuits FX929AP4 Datasheet HTML 39Page - CML Microcircuits FX929AP4 Datasheet HTML 40Page - CML Microcircuits FX929AP4 Datasheet HTML 41Page - CML Microcircuits FX929AP4 Datasheet HTML 42Page - CML Microcircuits FX929AP4 Datasheet HTML 43Page - CML Microcircuits FX929AP4 Datasheet HTML 44Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
41
D/929A/4
Notes
Min.
Typ.
Max.
Units
µµC Parallel Interface Timings (ref. Figure 21)
tACSL
Address valid to CSN low time
0
ns
tAH
Address hold time
0
ns
tCSH
CSN hold time
0
ns
tCSHI
CSN high time
10
6
clock cycles
tCSRWL
CSN to WRN or RDN low time
0
ns
tDHR
Read data hold time
0
ns
tDHW
Write data hold time
0
ns
tDSW
Write data setup time
90
ns
tRHCSL
RDN high to CSN low time (write)
0
ns
tRACL
Read access time from CSN low
11
175
ns
tRARL
Read access time from RDN low
11
145
ns
tRL
RDN low time
200
ns
tRX
RDN high to D0-D7 3-state time
50
ns
tWHCSL
WRN high to CSN low time (read)
0
ns
tWL
WRN low time
200
ns
Notes:
10. Xtal/Clock cycles at the XTAL/CLOCK pin.
11. With 30pF max to VSS on D0 - D7 pins.
Figure 21
µµC Parallel Interface Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com