Electronic Components Datasheet Search
  English  ▼

X  

FX929AP4 Datasheet(PDF) 20 Page - CML Microcircuits

Part # FX929AP4
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AP4 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button FX929AP4 Datasheet HTML 16Page - CML Microcircuits FX929AP4 Datasheet HTML 17Page - CML Microcircuits FX929AP4 Datasheet HTML 18Page - CML Microcircuits FX929AP4 Datasheet HTML 19Page - CML Microcircuits FX929AP4 Datasheet HTML 20Page - CML Microcircuits FX929AP4 Datasheet HTML 21Page - CML Microcircuits FX929AP4 Datasheet HTML 22Page - CML Microcircuits FX929AP4 Datasheet HTML 23Page - CML Microcircuits FX929AP4 Datasheet HTML 24Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
20
D/929A/4
TSID: Transmit Station ID
This task takes 3 ID bytes from the Data Block Buffer, calculates and appends the 6-bit CRC0 checksum,
translates the result to 4-level symbols (with FEC) and transmits the resulting 22 symbols preceded and
followed by 'S' symbols.
Once the modem has read the data bytes from the Data Block Buffer, the BFREE and IRQ bits of the Status
Register will be set to '1'.
RESET: Stop any current action
This 'task' takes effect immediately, and terminates any current action (task, AQSC or AQLEV) the modem may
be performing and sets the BFREE bit of the Status Register to '1', without setting the IRQ bit. It should be used
when VDD is applied, to set the modem into a known state.
Note that due to delays in the RRC filter, it will take several symbol times for any change to appear at the TXOP
pin.
Task Timings
from task #2
from task #3
from task #1
t1
t2
t2
t2
Task to Command Register
Data to Data Block Buffer
t3
t3
t3
t4
t4
t4
Modem Tx output
1
2
3
1
2
Symbols to
RRC filter
3
IBEMPTY bit
BFREE bit
Figure 10 Transmit Task Timing Diagram
Task
Time
(symbol times)
t1
Modem in idle state. Time from writing first
task to application of first transmit bit to Tx
RRC filter
Any
1 to 2
t2
Time from application of first symbol of the
T24S
5
task to the Tx RRC filter until BFREE goes
TSID
6
to a logic '1' (high).
THB/TIB/TLB
16
T4S
0
t3
Time to transmit all symbols of the task
T24S/TSID
24
THB/TIB/TLB
69
T4S
4
t4
Max time allowed from BFREE going to a
T24S
18
logic '1' (high) for next task (and data) to
TSID
17
be written to modem
THB/TIB/TLB
52
T4S
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com