Electronic Components Datasheet Search
  English  ▼

X  

LDS8711 Datasheet(PDF) 2 Page - IXYS Corporation

Part # LDS8711
Description  High Efficiency 10 LED Driver with No External Schottky
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8711 Datasheet(HTML) 2 Page - IXYS Corporation

  LDS8711 Datasheet HTML 1Page - IXYS Corporation LDS8711 Datasheet HTML 2Page - IXYS Corporation LDS8711 Datasheet HTML 3Page - IXYS Corporation LDS8711 Datasheet HTML 4Page - IXYS Corporation LDS8711 Datasheet HTML 5Page - IXYS Corporation LDS8711 Datasheet HTML 6Page - IXYS Corporation LDS8711 Datasheet HTML 7Page - IXYS Corporation LDS8711 Datasheet HTML 8Page - IXYS Corporation LDS8711 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LDS8711
© 2010 IXYS Corp.
2
Doc. No. 8711DS, Rev. N1.0
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN voltage
6
V
VOUT, SW, LEDS, Vh voltage
40
V
EN/SET voltage
VIN + 0.7V
V
LED Current
32
mA
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +125
°C
8-pin TDFN package Thermal Resistance
65
°C/W
Soldering Temperature
300
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
VIN
2.7 to 5.5
V
Ambient Temperature Range
-40 to +85
°C
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
(Over recommended operating conditions unless specified otherwise) VIN = 3.6V,TAMB = 25°C, CIN = 1 µF, COUT = 1 µF, L = 22 µH
Name
Conditions
Min
Typ
Max
Units
VIN = 3.6 V, VOUT open
1
Quiescent Current
VIN = 3.6 V, ILED = 25
mA @ VOUT =36 V
3
mA
Shutdown Current
VIN = 5.5V, EN = 0V
1
µA
LED Current Accuracy
At factory preset value
±1
%
Oscillator Frequency
0.7
MHz
Maximum Duty Cycle
92
%
NMOSFET Switch On Resistance
0.3
Ω
PMOSFET Switch On Resistance
1.5
Ω
Switch Leakage Current
0.1
µA
Switch Current Limit
1.3
A
Dropout/Current sense voltage
At factory preset value
250
mV
PWM Frequency
0.1
30
kHz
Input Resistance (pull down)
250
k
Ω
High
1.4
EN/PWM
Pin
Logic Level
Low
0.4
V
Thermal Shutdown
150
Thermal Hysteresis
20
°C
Over-Voltage Protection
36
V
Soft Start Time
1.5
ms
Delay Time to Shutdown
EN = 0
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com