Electronic Components Datasheet Search
  English  ▼

X  

LDS8711 Datasheet(PDF) 8 Page - IXYS Corporation

Part # LDS8711
Description  High Efficiency 10 LED Driver with No External Schottky
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8711 Datasheet(HTML) 8 Page - IXYS Corporation

Back Button LDS8711 Datasheet HTML 4Page - IXYS Corporation LDS8711 Datasheet HTML 5Page - IXYS Corporation LDS8711 Datasheet HTML 6Page - IXYS Corporation LDS8711 Datasheet HTML 7Page - IXYS Corporation LDS8711 Datasheet HTML 8Page - IXYS Corporation LDS8711 Datasheet HTML 9Page - IXYS Corporation LDS8711 Datasheet HTML 10Page - IXYS Corporation LDS8711 Datasheet HTML 11Page - IXYS Corporation LDS8711 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LDS8711
© 2010 IXYS Corp.
8
Doc. No. 8711DS, Rev. N1.0
Characteristics subject to change without notice
state equal tLO (see Figure 1). Every next incoming
pulse will be recognized as PWM pulse, and
maximum LED current will be set equal factory preset
value. If PWM frequency is above 5 kHz and duty
cycle is less than 50%, device will start in PWM mode
automatically; however, at lower frequencies or 100%
duty cycle, start procedure requires.
To start LDS8711 in Smart OneWire
™ Interface
Mode, the first positive pulse applied to EN/PWM pin
after power-up should be equal tSETUP2 and followed
by
16
command
pulses
in
respect
to
Smart
OneWire
™ interface command shown in the Table 1.
Every Smart OneWire
™
interface command to
program LED current may be represented in binary
code as 0000 0100 XXXX XXXX (MSB to LSB),
where X is a bit value in respect with desired current
value.
Example:
If desired LED current value is 22 mA, binary code is
equal 22 mA/0.125 mA – 1 = 43 (Dec) = 1010 1111
(Bin) and Smart OneWire
™ interface command to set
this current is: 0000 0100 1010 1111 (MSB to LSB).
This command should be send (MSB first) through
EN/PWM pin as sequence of 16 pulses, each of
which represents bit zero or bit one depend on pulse
length that should be equal tBO or tB1 respectively (see
Smart OneWire
™TIMING SPECIFICATION).
After 16
th pulse, EN/PWM pin should be LOW for t
LO1
time to confirm end of the command and transfer to
PWM mode. Every next incoming pulse will be
recognized as PWM pulse, and it will turn LEDs on
(see Figure 2).
If LDS8711 is not able recognize command due
some error in programming or transmit, it will go in
shutdown mode after 10 ms timeout
Once in PWM mode, LDS8711 is not able recognize
Smart OneWire
™ Interface commands and requires
restart to reprogram LED current.
Protection Mode
The output voltage VOUT is limited at about 38 V
maximum. This is to prevent the output pin from
exceeding its absolute maximum rating if LED string
is disconnected or any LED.in string burns out
creating open circuitry.
If the die temperature exceeds +150°C, the driver will
enter a thermal protection shutdown mode. When the
device temperature drops by about 20°C, the device
will resume normal operation.
LED Selection
LEDs with forward voltages (VF) ranging from 1.3 V to
5.0 V may be used. However, number of the LEDs in
string is limited by maximum output voltage that
cannot exceed over-voltage protection level. We
recommend using not more than 10 LEDs with VF ≤
3.6 V in string if VIN voltage is above 3.0 V and not
more that eight LEDs if VIN may fall up to 2.7 V.
External Components
The LDS8711 requires four external components
only. The recommended input capacitor value is
between 1 and 10 µF, while the output capacitor
selection is function of desired output ripple, loop
stability, and inrush current.
The inductor should have minimum Rdc resistance to
increase driver’s efficiency. Recommended inductor
values are from 10 to 33 µH. The inductor ripple
current IR is a function of switching frequency,
inductor value, and duty cycle and is determined by
the following equation:
IN
IN
PM
d
F
R
V
V
V
V
NV
Lf
I
1
1
1
,
where
VF - is a LED forward voltage,
Vd - is a current regulator voltage drop,
VPM - is a voltage drop across PMOSFET,
VIN - is an input voltage,
L is - inductance, and
f - is a switching frequency, 700 kHz.
Then, the switch cycle-by-cycle current limit is
equal:
2
)
(
R
IN
d
F
OUT
LIM
I
V
V
NV
I
I
,
where
is expected efficiency.
The selected inductor should allow around 20%
higher peak current to avoid saturation.
The criterion for the output capacitor selection is:
f
V
V
NV
I
V
V
NV
C
R
d
F
OUT
IN
d
F
OUT
)
(
)
(
For example:
If VIN = 2.7 V, N = 10, VF = 3.6 V, Vd = 0.25 V, f =
0.7 MHz, IOUT = 30 mA, and ripple voltage VR = 0.05
V, COUT = 0.77 µF so 1.0 µF is a good choice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com