Electronic Components Datasheet Search
  English  ▼

X  

LDS8711 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LDS8711
Description  High Efficiency 10 LED Driver with No External Schottky
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8711 Datasheet(HTML) 3 Page - IXYS Corporation

  LDS8711 Datasheet HTML 1Page - IXYS Corporation LDS8711 Datasheet HTML 2Page - IXYS Corporation LDS8711 Datasheet HTML 3Page - IXYS Corporation LDS8711 Datasheet HTML 4Page - IXYS Corporation LDS8711 Datasheet HTML 5Page - IXYS Corporation LDS8711 Datasheet HTML 6Page - IXYS Corporation LDS8711 Datasheet HTML 7Page - IXYS Corporation LDS8711 Datasheet HTML 8Page - IXYS Corporation LDS8711 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LDS8711
© 2010 IXYS Corp.
3
Doc. No. 8711DS, Rev. N1.0
Characteristics subject to change without notice
Smart OneWire
™ TIMING SPECIFICATION
Parameter
Name
Min
Typ
Max
Units
tSETUP1
EN/PWM setup from shutdown to PWM mode
50
100
200
µs
tSETUP2
EN/SET setup from shutdown to Smart OneWire
™ Interface mode
350
µs
tBO
Bit “zero” positive pulse
1
25
µs
tB1
Bit “one” positive pulse
40
200
µs
tCLO
Low time between command pulses or two command sets
2
25
200
µs
tLO
EN LOW Time before LED ON in PWM mode
0.002
8
ms
tLO1
EN LOW Time before LED ON in OneWire
™ interface mode
0.3
5
ms
tOFF
EN/SET low time to shutdown
10
ms
Fig. 1. PWM Mode operation
Fig. 2 LED Current programming
Table 1: Smart OneWire
™ interface commands
Command
Register address
Data
Command
description
Current
Setting
0
0
0
0
0
1
0
0
LED Current Binary Code = (ILED / 0.125 mA – 1) (bin),
where 0.125 mA < ILED < 32 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com