Electronic Components Datasheet Search
  English  ▼

X  

LDS8711 Datasheet(PDF) 4 Page - IXYS Corporation

Part # LDS8711
Description  High Efficiency 10 LED Driver with No External Schottky
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8711 Datasheet(HTML) 4 Page - IXYS Corporation

  LDS8711 Datasheet HTML 1Page - IXYS Corporation LDS8711 Datasheet HTML 2Page - IXYS Corporation LDS8711 Datasheet HTML 3Page - IXYS Corporation LDS8711 Datasheet HTML 4Page - IXYS Corporation LDS8711 Datasheet HTML 5Page - IXYS Corporation LDS8711 Datasheet HTML 6Page - IXYS Corporation LDS8711 Datasheet HTML 7Page - IXYS Corporation LDS8711 Datasheet HTML 8Page - IXYS Corporation LDS8711 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LDS8711
© 2010 IXYS Corp.
4
Doc. No. 8711DS, Rev. N1.0
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
Vin = 3.6V, IOUT = 30mA (10 LEDs per string), CIN = 1 μF, COUT = 1μ
F, L = 22 µH, TAMB = 25°C unless otherwise specified
Power Efficiency vs. Input Voltage
LED Current vs. Input Voltage
LED Current vs. PWM Duty Cycle
LED Current Error vs. PWM Frequency
Soft Start Waveforms
Ch 1 (yellow) – EN pin, Ch 2 (green) – SW node voltage
Ch 3 (red) – Inductor current, Ch 4 (blue) - VOUT
Operating Waveforms
Ch 1 (yellow) - SW node voltage,
Ch 3 (red) – Inductor current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com