Electronic Components Datasheet Search
  English  ▼

X  

ATA6623 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA6623
Description  Linear Low-drop Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA6623 Datasheet HTML 4Page - ATMEL Corporation ATA6623 Datasheet HTML 5Page - ATMEL Corporation ATA6623 Datasheet HTML 6Page - ATMEL Corporation ATA6623 Datasheet HTML 7Page - ATMEL Corporation ATA6623 Datasheet HTML 8Page - ATMEL Corporation ATA6623 Datasheet HTML 9Page - ATMEL Corporation ATA6623 Datasheet HTML 10Page - ATMEL Corporation ATA6623 Datasheet HTML 11Page - ATMEL Corporation ATA6623 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
4957H–AUTO–05/10
ATA6623/ATA6625
4.3
Sleep Mode
A falling edge at EN while TXD is low switches the IC into Sleep Mode. The TXD Signal has to
be logic low during the Mode Select window (Figure 4-4 on page 8). To avoid influencing the
LIN-pin during the switch to sleep mode, it is possible to switch the EN up to 3.2 µs earlier to
LOW than the TXD. Even if the two falling edges at TXD and EN occur at the same time, the LIN
line will remain uninfluenced.
In Sleep Mode the transmission path is disabled. The supply current I
VSsleep from VBatt is typically
10 µA. The V
CC regulator is switched off, NRES and RXD are low. The internal slave termination
between pin LIN and pin VS is disabled, only a weak pull-up current (typically 10 µA) between
pin LIN and pin VS is present. Sleep Mode can be activated independently from the current level
on pin LIN.
A voltage less than the LIN Pre-wake detection V
LINL at pin LIN activates the internal LIN
receiver and switches on the internal slave termination between the LIN pin and the VS pin.
A falling edge at the LIN pin followed by a dominant bus level maintained for a certain time
period (t
bus) and a following rising edge at pin LIN results in a remote wake-up request. The
device switches from Sleep Mode to Fail-safe Mode.
The V
CC regulator is activated, and the remote wake-up request is indicated by a low level at the
RXD pin to interrupt the microcontroller (Figure 4-5 on page 9).
EN high can be used to switch directly from Sleep to Fail-safe Mode. If EN is still high after VCC
ramp up and undervoltage reset time, the IC switches to Normal Mode.
Figure 4-4.
Switch to Sleep Mode
Delay time sleep mode
td_sleep = maximum 20 µs
LIN switches directly to recessive mode
td = 3.2 µs
LIN
VCC
NRES
TXD
EN
Sleep Mode
Normal Mode
Mode select window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com