Electronic Components Datasheet Search
  English  ▼

X  

ATA6623 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA6623
Description  Linear Low-drop Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA6623 Datasheet HTML 1Page - ATMEL Corporation ATA6623 Datasheet HTML 2Page - ATMEL Corporation ATA6623 Datasheet HTML 3Page - ATMEL Corporation ATA6623 Datasheet HTML 4Page - ATMEL Corporation ATA6623 Datasheet HTML 5Page - ATMEL Corporation ATA6623 Datasheet HTML 6Page - ATMEL Corporation ATA6623 Datasheet HTML 7Page - ATMEL Corporation ATA6623 Datasheet HTML 8Page - ATMEL Corporation ATA6623 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
4957H–AUTO–05/10
ATA6623/ATA6625
4.
Mode of Operation
Figure 4-1.
Mode of Operation
Unpowered Mode
V
Batt = 0V
a: V
S > 5V
b: V
S < 4V
c: Bus wake-up event
d: NRES switches to low
Fail-safe Mode
Normal Mode
VCC: 3.3V/5V/50 mA
with undervoltage
monitoring
Communication: ON
VCC: 3.3V/5V/50 mA
with undervoltage monitoring
Communication: OFF
Silent Mode
VCC: 3.3V/5V/50 mA
with undervoltage monitoring
Communication: OFF
Sleep Mode
VCC: switched off
Communication: OFF
Go to silent command
a
TXD = 0
EN = 0
TXD = 1
EN = 0
EN = 1
EN = 1
EN = 1
b
b
b
c + d
d
c
b
Local wake-up event
Go to sleep command
Table 4-1.
Mode of Operation
Mode of
Operation
Transceiver
VCC
RXD
LIN
Fail safe
OFF
3.3V/5V
High,
Except after wake-up
Recessive
Normal
ON
3.3V/5V
LIN depending
TXD depending
Silent
OFF
3.3V/5V
High
Recessive
Sleep
OFF
0V
0V
Recessive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com