Electronic Components Datasheet Search
  English  ▼

X  

ATA6623 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATA6623
Description  Linear Low-drop Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATA6623 Datasheet HTML 14Page - ATMEL Corporation ATA6623 Datasheet HTML 15Page - ATMEL Corporation ATA6623 Datasheet HTML 16Page - ATMEL Corporation ATA6623 Datasheet HTML 17Page - ATMEL Corporation ATA6623 Datasheet HTML 18Page - ATMEL Corporation ATA6623 Datasheet HTML 19Page - ATMEL Corporation ATA6623 Datasheet HTML 20Page - ATMEL Corporation ATA6623 Datasheet HTML 21Page - ATMEL Corporation ATA6623 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
4957H–AUTO–05/10
ATA6623/ATA6625
10.8
Duty cycle 3
THRec(max) = 0.778 × VS
THDom(max) = 0.616 × VS
V
S = 7.0V to 18V
tBit = 96 µs
D3 = t
bus_rec(min)/(2 × tBit)
LIN
D3
0.417
A
10.9
Duty cycle 4
TH
Rec(min) = 0.389 × VS
TH
Dom(min) = 0.251 × VS
VS = 7.6V to 18V
t
Bit = 96 µs
D4 = t
bus_rec(max)/(2 × tBit)
LIN
D4
0.590
A
10.10
Slope time falling and
rising edge at LIN
V
S = 7.0V to 18V
LIN
t
SLOPE_fall
tSLOPE_rise
3.5
22.5
µs
A
11
Receiver Electrical AC Parameters of the LIN Physical Layer
LIN Receiver, RXD Load Conditions: C
RXD = 20 pF
11.1
Propagation delay of
receiver Figure 9-1
V
S = 7.0V to 18V
t
rx_pd = max(trx_pdr , trx_pdf)
RXD
trx_pd
6µs
A
11.2
Symmetry of receiver
propagation delay rising
edge minus falling edge
V
S = 7.0V to 18V
t
rx_sym = trx_pdr – trx_pdf
RXD
trx_sym
–2
+2
µs
A
9.
Electrical Characteristics (Continued)
5V < VS < 27V, –40°C < Tj < 150°C; unless otherwise specified all values refer to GND pins.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Charact1
erized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com