Electronic Components Datasheet Search
  English  ▼

X  

ATA6623 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATA6623
Description  Linear Low-drop Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATA6623 Datasheet HTML 1Page - ATMEL Corporation ATA6623 Datasheet HTML 2Page - ATMEL Corporation ATA6623 Datasheet HTML 3Page - ATMEL Corporation ATA6623 Datasheet HTML 4Page - ATMEL Corporation ATA6623 Datasheet HTML 5Page - ATMEL Corporation ATA6623 Datasheet HTML 6Page - ATMEL Corporation ATA6623 Datasheet HTML 7Page - ATMEL Corporation ATA6623 Datasheet HTML 8Page - ATMEL Corporation ATA6623 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Features
• Supply Voltage up to 40V
• Operating Voltage V
S = 5V to 27V
• Typically 10 µA Supply Current During Sleep Mode
• Typically 57 µA Supply Current in Silent Mode
• Linear Low-drop Voltage Regulator:
– Normal, Fail-safe, and Silent Mode
– ATA6623: VCC = 3.3V ±2%
– ATA6625: V
CC = 5.0V ±2%
– Sleep Mode: V
CC is Switched Off
• V
CC Undervoltage Detection with Reset Open Drain Output NRES (4 ms Reset Time)
• Voltage Regulator is Short-circuit and Over-temperature Protected
• LIN Physical Layer According to LIN 2.0, 2.1 and SAEJ2602-2
• Wake-up Capability via LIN Bus (90 µs Dominant)
• TXD Time-out Timer
• Bus Pin is Overtemperature and Short-circuit Protected versus GND and Battery
• Advanced EMC and ESD Performance
• Fulfills the OEM “Hardware Requirements for LIN in Automotive Applications Rev1.0”
• Interference and Damage Protection According to ISO7637
• Package: SO8
1.
Description
ATA6623/ATA6625 is a fully integrated LIN transceiver, designed according to the LIN
specification 2.0 and 2.1, with a low-drop voltage regulator (3.3V/5V/50 mA). The
combination of voltage regulator and bus transceiver makes it possible to develop
simple, but powerful, slave nodes in LIN Bus systems. ATA6623/ATA6625 is
designed to handle the low-speed data communication in vehicles (for example, in
convenience electronics). Improved slope control at the LIN driver ensures secure
data communication up to 20 kBaud with an RC oscillator for the protocol handling.
The bus output is designed to withstand high voltage. Sleep Mode (voltage regulator
switched off) and Silent Mode (communication off; V
CC voltage on) guarantee mini-
mized current consumption.
LIN Bus
Transceiver
with Integrated
Voltage
Regulator
ATA6623
ATA6625
ATA6623C
ATA6625C
4957H–AUTO–05/10


Similar Part No. - ATA6623

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623-TAPY ATMEL-ATA6623-TAPY Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623-TAPY ATMEL-ATA6623-TAPY Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623-TAQY ATMEL-ATA6623-TAQY Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
More results

Similar Description - ATA6623

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4956 STMICROELECTRONICS-L4956 Datasheet
80Kb / 8P
5A LOW DROP LINEAR REGULATOR
Mar-1998
logo
Infineon Technologies A...
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLE7276 INFINEON-TLE7276_10 Datasheet
1Mb / 20P
Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.11, 2010-11-22
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com