Electronic Components Datasheet Search
  English  ▼

X  

ATA6623 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA6623
Description  Linear Low-drop Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA6623 Datasheet HTML 1Page - ATMEL Corporation ATA6623 Datasheet HTML 2Page - ATMEL Corporation ATA6623 Datasheet HTML 3Page - ATMEL Corporation ATA6623 Datasheet HTML 4Page - ATMEL Corporation ATA6623 Datasheet HTML 5Page - ATMEL Corporation ATA6623 Datasheet HTML 6Page - ATMEL Corporation ATA6623 Datasheet HTML 7Page - ATMEL Corporation ATA6623 Datasheet HTML 8Page - ATMEL Corporation ATA6623 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
4957H–AUTO–05/10
ATA6623/ATA6625
3.
Functional Description
3.1
Physical Layer Compatibility
Since the LIN physical layer is independent from higher LIN layers (e.g., LIN protocol layer), all
nodes with a LIN physical layer according to revision 2.x can be mixed with LIN physical layer
nodes, which are according to older versions (i.e., LIN 1.0, LIN 1.1, LIN 1.2, LIN 1.3) without any
restrictions.
3.2
Supply Pin (VS)
LIN operating voltage is V
S = 5V to 27V. An undervoltage detection is implemented to disable
transmission if V
S falls below 5V, in order to avoid false bus messages. After switching on VS,
the IC starts with the Fail-safe Mode and the voltage regulator is switched on (i.e.,
3.3V/5V/50 mA).
The supply current in Sleep Mode is typically 10 µA and 57 µA in Silent Mode.
3.3
Ground Pin (GND)
The IC does not affect the LIN Bus in the event of GND disconnection. It is able to handle a
ground shift up to 11.5% of V
S.
3.4
Voltage Regulator Output Pin (VCC)
The internal 3.3V/5V voltage regulator is capable of driving loads with up to 50 mA, supplying
the microcontroller and other ICs on the PCB and is protected against overload by means of cur-
rent limitation and overtemperature shut-down. Furthermore, the output voltage is monitored
and will cause a reset signal at the NRES output pin if it drops below a defined threshold V
thun.
3.5
Undervoltage Reset Output (NRES)
If the V
CC voltage falls below the undervoltage detection threshold of Vthun, NRES switches to
low after tres_f (Figure 6-1 on page 11). Even if V
CC = 0V the NRES stays low, because it is
internally driven from the V
S voltage. If VS voltage ramps down, NRES stays low until VS <1.5V
and then becomes highly resistant.
The implemented undervoltage delay keeps NRES low for t
Reset = 4 ms after VCC reaches its
nominal value.
3.6
Bus Pin (LIN)
A low-side driver with internal current limitation and thermal shutdown as well as an internal
pull-up resistor according to LIN specification 2.x is implemented. The voltage range is from
–27V to +40V. This pin exhibits no reverse current from the LIN bus to V
S, even in the event of a
GND shift or V
Batt disconnection. The LIN receiver thresholds are compatible with the LIN proto-
col specification.
The fall time (from recessive to dominant) and the rise time (from dominant to recessive) are
slope controlled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com