Electronic Components Datasheet Search
  English  ▼

X  

ATA6623 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA6623
Description  Linear Low-drop Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA6623 Datasheet HTML 5Page - ATMEL Corporation ATA6623 Datasheet HTML 6Page - ATMEL Corporation ATA6623 Datasheet HTML 7Page - ATMEL Corporation ATA6623 Datasheet HTML 8Page - ATMEL Corporation ATA6623 Datasheet HTML 9Page - ATMEL Corporation ATA6623 Datasheet HTML 10Page - ATMEL Corporation ATA6623 Datasheet HTML 11Page - ATMEL Corporation ATA6623 Datasheet HTML 12Page - ATMEL Corporation ATA6623 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
4957H–AUTO–05/10
ATA6623/ATA6625
Figure 4-5.
LIN Wake-up Diagram from Sleep Mode
4.4
Fail-safe Mode
At system power-up the device automatically switches to Fail-safe Mode. The voltage regulator
is switched on (V
CC = 3.3V/5V/50 mA), (see Figure 6-1 on page 11). The NRES output switches
to low for t
res = 4 ms and gives a reset to the microcontroller. LIN communication is switched off.
The IC stays in this mode until EN is switched to high, and changes then to the Normal Mode. A
power down of V
Batt (VS < 4V) during Silent- or Sleep Mode switches the IC into the Fail-safe
Mode after power up. A logic low at NRES switches the IC into Fail-safe Mode directly.
4.5
Unpowered Mode
If you connect battery voltage to the application circuit, the voltage at the VS pin increases
according to the block capacitor (see Figure 6-1 on page 11). After VS is higher than the VS
undervoltage threshold VS
th, the IC mode changes from Unpowered Mode to Fail-safe Mode.
The VCC output voltage reaches its nominal value after t
VCC. This time, tVCC, depends on the
VCC capacitor and the load.
NRES is low for the reset time delay t
Reset; no mode change is possible during this time.
Regulator wake-up time
Off state
On state
Low
Fail-safe Mode
Normal Mode
EN High
Microcontroller
start-up time delay
Reset
time
Low or floating
Low or floating
NRES
EN
VCC
voltage
regulator
RXD
LIN bus
Bus wake-up filtering time
tbus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com