Electronic Components Datasheet Search
  English  ▼

X  

ATA6623 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA6623
Description  Linear Low-drop Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA6623 Datasheet HTML 1Page - ATMEL Corporation ATA6623 Datasheet HTML 2Page - ATMEL Corporation ATA6623 Datasheet HTML 3Page - ATMEL Corporation ATA6623 Datasheet HTML 4Page - ATMEL Corporation ATA6623 Datasheet HTML 5Page - ATMEL Corporation ATA6623 Datasheet HTML 6Page - ATMEL Corporation ATA6623 Datasheet HTML 7Page - ATMEL Corporation ATA6623 Datasheet HTML 8Page - ATMEL Corporation ATA6623 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
4957H–AUTO–05/10
ATA6623/ATA6625
3.7
Input Pin (TXD)
In Normal Mode the TXD pin is the microcontroller interface to control the state of the LIN output.
TXD must be pulled to ground in order to drive the LIN bus low. If TXD is high or unconnected
(internal pull-up resistor), the LIN output transistor is turned off and the bus is in the recessive
state.
3.8
Dominant Time-out Function (TXD)
The TXD input has an internal pull-up resistor. An internal timer prevents the bus line from being
driven permanently in the dominant state. If TXD is forced to low longer than t
DOM >6ms, the
LIN bus driver is switched to the recessive state.
To reactivate the LIN bus driver, switch TXD to high (> 10 µs).
3.9
Output Pin (RXD)
This output pin reports the state of the LIN-bus to the microcontroller. LIN high (recessive state)
is reported by a high level at RXD; LIN low (dominant state) is reported by a low level at RXD.
The output has an internal pull-up resistor with typically 5 k
Ω to V
CC. The AC characteristics are
measured with an external load capacitor of 20 pF.
The output is short-circuit protected. In Unpowered Mode (that is, V
S = 0V), RXD is switched off.
3.10
Enable Input Pin (EN)
The Enable Input pin controls the operation mode of the device. If EN is high, the circuit is in
Normal Mode, with transmission paths from TXD to LIN and from LIN to RXD both active. The
VCC voltage regulator operates with 3.3V/5V/50 mA output capability.
If EN is switched to low while TXD is still high, the device is forced to Silent Mode. No data trans-
mission is then possible, and the current consumption is reduced to I
VS typ. 57 µA. The VCC
regulator has its full functionality.
If EN is switched to low while TXD is low, the device is forced to Sleep Mode. No data transmis-
sion is possible, and the voltage regulator is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com