Electronic Components Datasheet Search
  English  ▼

X  

SC410 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC410
Description  3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410 Datasheet(HTML) 5 Page - Semtech Corporation

  SC410 Datasheet HTML 1Page - Semtech Corporation SC410 Datasheet HTML 2Page - Semtech Corporation SC410 Datasheet HTML 3Page - Semtech Corporation SC410 Datasheet HTML 4Page - Semtech Corporation SC410 Datasheet HTML 5Page - Semtech Corporation SC410 Datasheet HTML 6Page - Semtech Corporation SC410 Datasheet HTML 7Page - Semtech Corporation SC410 Datasheet HTML 8Page - Semtech Corporation SC410 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SC410
5
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Gate Drivers
BST Switch On resistance
25
Ω
Internal Power MOSFETs
Current Limit(2)
Inductor Valley Current Limit, VLDO=5V
2.4
3.2
A
LX Leakage Current
VIN=24V, LX=0V, High Side
1
10
μA
Switch Resistance
High Side
215
mΩ
Low Side
110
Non-overlap time (1)
15
ns
Linear Regulator (The LDO is shorted to the bias node, internally)
LDO Accuracy
-4
4
%V
LDO
LDO Current Limit
Short circuit protection, V
IN
= 12V, V
LDO
<80% of
final V
LDO
value
35
mA
Operating current limit, V
IN
= 12V, V
LDO
> 80% of
final V
LDO
value
100
LDO Drop Out Voltage
From V
IN
to V
LDO
, I
LDO
= 100mA
1.2
V
Note:
(1) Typical value from EVB, not ATE tested.
(2) The minimum inductor valley current limit of 2.4V gives an average output current limit of 3A assuming 1.2A inductor ripple current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com