Electronic Components Datasheet Search
  English  ▼

X  

SC410 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC410
Description  3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC410 Datasheet HTML 4Page - Semtech Corporation SC410 Datasheet HTML 5Page - Semtech Corporation SC410 Datasheet HTML 6Page - Semtech Corporation SC410 Datasheet HTML 7Page - Semtech Corporation SC410 Datasheet HTML 8Page - Semtech Corporation SC410 Datasheet HTML 9Page - Semtech Corporation SC410 Datasheet HTML 10Page - Semtech Corporation SC410 Datasheet HTML 11Page - Semtech Corporation SC410 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SC410
8
Typical Characteristics
Characteristics are based on a circuit with V
IN
= 12V, L = 2.2μH (DCR = 35mΩ), C
OUT
= 66μF, V
OUT
= 3.3V, V
LDO
= 5V, R
TON
= 90.9kΩ.
IOUT (ADC)
50
60
70
80
90
0.0
0.1
1.0
10.0
0.0
1.0
2.0
3.0
4.0
Efficiency
PLOSS
VIN = 8V
VIN = 24V
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 8V
VIN = 18V
VIN = 12V
Efficiency — Power Loss
IOUT (ADC)
-2.4
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
0
0.1
1.0
10.0
VIN = 24V
VIN = 8V
VIN = 18V
VIN = 12V
Load Regulation
IOUT (ADC)
0
100
200
300
400
500
600
700
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN = 24V
VIN = 8V
VIN = 12V
VIN = 18V
Switching Frequency
IOUT (ADC)
0.00
0.03
0.05
0.08
0.10
0.13
0.15
0.18
0.20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN = 24V
VIN = 8V
VIN = 18V
VIN = 12V
Switching Ripple
-2.4
-1.8
-1.2
-0.6
0
0.6
1.2
1.8
6
9
12
15
18
21
24
Input Voltage (V)
Line Regulation
I
OUT
= 1.5A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
6
9
12
15
18
21
24
Input Voltage (V)
On-Time vs. V
IN
I
OUT
= 1.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com