Electronic Components Datasheet Search
  English  ▼

X  

SC410 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC410
Description  3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC410 Datasheet HTML 8Page - Semtech Corporation SC410 Datasheet HTML 9Page - Semtech Corporation SC410 Datasheet HTML 10Page - Semtech Corporation SC410 Datasheet HTML 11Page - Semtech Corporation SC410 Datasheet HTML 12Page - Semtech Corporation SC410 Datasheet HTML 13Page - Semtech Corporation SC410 Datasheet HTML 14Page - Semtech Corporation SC410 Datasheet HTML 15Page - Semtech Corporation SC410 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
SC410
12
Synchronous Buck Converter
The SC410 is a step down synchronous buck DC-DC regu-
lator. The device is capable of 3A operation at very high
efficiency in a tiny 3 x 3-10 pin package. The programma-
ble operating frequency range of 200kHz – 1MHz enables
the user to optimize the design for minimum board space
and optimum efficiency.
The buck regulator employs pseudo-fixed frequency
adaptive on-time control. This control method allows fast
transient response thereby lowering the size of the power
components used in the system.
Input Voltage Range
The SC410 can operate with a wide input voltage ranging
from 5.5V to 24V. The internal LDO generates a fixed 5V
output that provides power for the bias of the SC410. The
LDO can also provide additional power to an external load.
Psuedo-fixed Frequency Adaptive On-time Control
The PWM control method used by the SC410 is pseudo-
fixed frequency, adaptive on-time, as shown in Figure 1.
The ripple voltage generated at the output capacitor ESR
is divided down by the feedback resistor network and
used as a PWM ramp signal. The ripple seen at the FB pin
is used to trigger the on-time of the controller.
Q1
Q2
L
COUT
ESR
+
CIN
VOUT
FB Threshold
VFB
VLX
VLX
TON
FB
VIN
Figure 1 — PWM Control Method, V
OUT Ripple
The adaptive on-time is determined by an internal one-
shot timer. When the one-shot is triggered by the feed-
back ripple, the device sends a single on-time pulse to the
high-side MOSFET. The pulse period is determined by the
output voltage value and V
IN
. The period is proportional
to output voltage and inversely proportional to input
voltage. The value of the output voltage is obtained by
filtering the voltage seen on the LX pin.
With this adaptive on-time design, the device automati-
cally anticipates the on-time needed to regulate V
OUT
for
the present V
IN
condition and at the selected frequency.
The advantages of adaptive on-time control are:
Predictable operating frequency during CCM
compared to other variable frequenc y
methods.
Reduced component count by eliminating the
err or
amplifier
and
c ompensation
components.
Reduced component count by removing the
need to sense and control inductor current.
Fast transient response — the response time is
controlled by a fast comparator instead of a
typically slow error amplifier.
Reduced output capacitance due to fast tran-
sient response
One-Shot Timer and Operating Frequency
The one-shot timer operates as shown in Figure 2. The
feedback comparator output goes high when V
FB
is less
than the internal 750mV reference. This feeds into the
gate drive and turns on the high-side MOSFET, and also
starts the one-shot timer. The one-shot timer uses an
internal comparator, timing capacitor, and a low pass
filter (LPF) which regenerates V
OUT
from LX. One compara-
tor input is connected to the filtered LX voltage, the other
input is connected to the capacitor. When the on-time
begins, the internal capacitor charges from zero volts
through a current which is proportional to V
IN
. When the
capacitor voltage reaches V
OUT
, the on-time is completed
and the high-side MOSFET turns off.
•
•
•
•
•
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com