Electronic Components Datasheet Search
  English  ▼

X  

SC410 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC410
Description  3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC410 Datasheet HTML 6Page - Semtech Corporation SC410 Datasheet HTML 7Page - Semtech Corporation SC410 Datasheet HTML 8Page - Semtech Corporation SC410 Datasheet HTML 9Page - Semtech Corporation SC410 Datasheet HTML 10Page - Semtech Corporation SC410 Datasheet HTML 11Page - Semtech Corporation SC410 Datasheet HTML 12Page - Semtech Corporation SC410 Datasheet HTML 13Page - Semtech Corporation SC410 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
SC410
10
Pin Descriptions
Pin #
Pin Name
Pin Function
1
BST
Bootstrap pin — A capacitor is connected between BST to LX to develop the floating voltage for the
high-side gate drive.
2
VIN
Power input supply voltage
3
LX
Switching (phase) node
4
PGND
Power ground
5
PGOOD
Open-drain power good indicator — High impedance indicates power is good. An external pull-up
resistor is required.
6FB
Feedback input for switching regulator — Connect to an external resistor divider from the output to pro-
gram the output voltage.
7EN
Enable input for switching regulator —Pull EN high to enable the part with ultrasonic power save mode en-
abled. Connect to AGND to disable the switching regulator. A voltage divider can be added between VIN and
AGND pins for input UVLO functionality.
8
TON
On-time set input — Set the on-time by connecting a series resistor to AGND.
9
AGND
Analog Ground.
10
LDO
Output for the internal LDO and internal connection to the bias node — Decoupling capacitors are required
to AGND and PGND regardless of the use of the LDO for external loads.
PAD
Thermal pad for heatsinking purposes. (Not connected internally) Connect to AGND plane using multiple
vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com