Electronic Components Datasheet Search
  English  ▼

X  

SC410 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC410
Description  3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410 Datasheet(HTML) 1 Page - Semtech Corporation

  SC410 Datasheet HTML 1Page - Semtech Corporation SC410 Datasheet HTML 2Page - Semtech Corporation SC410 Datasheet HTML 3Page - Semtech Corporation SC410 Datasheet HTML 4Page - Semtech Corporation SC410 Datasheet HTML 5Page - Semtech Corporation SC410 Datasheet HTML 6Page - Semtech Corporation SC410 Datasheet HTML 7Page - Semtech Corporation SC410 Datasheet HTML 8Page - Semtech Corporation SC410 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2010 Semtech Corporation
POWER MANAGEMENT
1
SC410
3A EcoSpeed TM Step-Down Regulator
with LDO and Ultrasonic Power Save
Typical Application Circuit
October 26, 2010
Features
Input voltage — 5.5V to 24V
Output voltage — 0.75V to 7.5V
Output current — Up to 3A
Internal reference — + 1%
Small ceramic capacitors
Power good pin (open-drain)
Patented adaptive on-time control:
Excellent transient response
Programmable pseudo-fixed frequency during
CCM
Fault protection features:
Cycle-by-cycle current limit
Short circuit protection
Over and under output voltage protection
Over-temperature
Internal soft-start
Ultrasonic power save and smart PSAVE
Internal LDO for bias voltage
Ultra-small lead-free 3 x 3mm, 10-Pin MLPD package
WEEE and RoHS compliant
Applications
Networking Equipment, Embedded Systems
Medical Equipment, Office Automation
Instrumentation, Portable Systems
Consumer Devices such as DTV and Set-top Boxes
POL Converters
•
•
•
•
•
•
Description
The SC410 is an integrated, synchronous 3A EcoSpeedTM
step-down regulator. It incorporates Semtech’s advanced,
patented adaptive on-time architecture to achieve best-
in-class dynamic performance using point-of-load appli-
cations. The input voltage range is 5.5V to 24V with a
programmable output voltage from 0.75V up to 7.5V. The
device features an internal LDO and ultrasonic PSAVE
mode for high efficiency across the output load range.
Adaptive on-time control provides programmable
pseudo-fixed frequency operation in continuous conduc-
tion and excellent transient performance. The switching
frequency can be set from 200kHz to 1MHz, allowing the
designer to reduce external LC filtering and minimize light
load (standby) losses.
Additional features include cycle-by-cycle current limit,
soft start, input UVLO and output OV protection, and over
temperature protection. The open-drain PGOOD pin pro-
vides output status. Standby current is less than 10μA
when disabled.
The device is available in a low profile, thermally enhanced
MLPD 3 x 3mm 10-pin package.
SC410
EN
VIN
TON
LDO
LX
BST
VOUT
Enable
VIN
FB
PGOOD
CIN
CLDO2
RTON
L1
CBST
COUT
RTOP
RBOT
PGOOD
CLDO1
PGND
AGND


Similar Part No. - SC410

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC410A SEMTECH-SC410A Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AEVB SEMTECH-SC410AEVB Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AMLTRT SEMTECH-SC410AMLTRT Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
More results

Similar Description - SC410

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC173 SEMTECH-SC173 Datasheet
717Kb / 27P
3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC174 SEMTECH-SC174 Datasheet
718Kb / 27P
4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC171 SEMTECH-SC171_10 Datasheet
622Kb / 27P
1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC172 SEMTECH-SC172 Datasheet
622Kb / 27P
2A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC173A SEMTECH-SC173A Datasheet
663Kb / 26P
3A EcoSpeedTM Synchronous Step-Down Regulator with Automatic Power Save
SC3303MLTRT SEMTECH-SC3303MLTRT Datasheet
516Kb / 26P
3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
SC171 SEMTECH-SC171_16 Datasheet
590Kb / 27P
Regulator with Optional Ultrasonic Power Save
SC410A SEMTECH-SC410A Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC171 SEMTECH-SC171 Datasheet
590Kb / 27P
1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC3203 SEMTECH-SC3203 Datasheet
1Mb / 20P
3A EcoSpeed짰 Step-Down Regulator with Power Save
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com