Electronic Components Datasheet Search
  English  ▼

X  

SC410 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC410
Description  3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC410 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC410 Datasheet HTML 14Page - Semtech Corporation SC410 Datasheet HTML 15Page - Semtech Corporation SC410 Datasheet HTML 16Page - Semtech Corporation SC410 Datasheet HTML 17Page - Semtech Corporation SC410 Datasheet HTML 18Page - Semtech Corporation SC410 Datasheet HTML 19Page - Semtech Corporation SC410 Datasheet HTML 20Page - Semtech Corporation SC410 Datasheet HTML 21Page - Semtech Corporation SC410 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
SC410
18
Applications Information (continued)
Capacitor Selection
The output capacitors are chosen based on required ESR
and capacitance. The maximum ESR requirement is con-
trolled by the output ripple requirement and the DC toler-
ance. The output voltage has a DC value that is equal to
the valley of the output ripple plus 1/2 of the peak-to-peak
ripple. Change in the output ripple voltage will lead to a
change in DC voltage at the output.
The design goal is for the output voltage regulation to be
±4% under static conditions. The internal 750mV reference
tolerance is 1%. Assuming a 1% tolerance from the FB resis-
tor divider, this allows 2% tolerance due to V
OUT
ripple. Since
this 2% error comes from 1/2 of the ripple voltage, the
allowable ripple is 4%, or 132mV for a 3.3V output.
The maximum ripple current of 2.7A creates a ripple
voltage across the ESR. The maximum ESR value allowed
is shown by the following equations.
A
705
.
2
mV
132
I
V
2
ESR
RIPPLEMAX
RIPPLE
MAX
ESR
MAX = 48.8 mΩ
The output capacitance is chosen to meet transient
requirements. A worst-case load release, from maximum
load to no load at the exact moment when inductor
current is at the peak, determines the required capaci-
tance. If the load release is instantaneous (load changes
from maximum to zero in < 1μs), the output capacitor
must absorb all the inductor’s stored energy. This will
cause a peak voltage on the capacitor according to the
following equation.
2
OUT
2
PEAK
2
PEAK
_
RIPPLE
OUT
TOL
MIN
V
V
I
2
1
I
L
1
L
COUT
Assuming a peak voltage V
PEAK
of 1.150 (132mV rise upon
load release), and a 6A load release, the required capaci-
tance is shown by the next equation.
2
2
2
MIN
V
3
.
3
V
432
.
3
A
705
.
2
2
1
A
3
%
20
1
H
2
.
2
COUT
COUT
MIN = 56μF
If the load release is relatively slow, the output capacitance
can be reduced. At heavy loads during normal switching,
when the FB pin is above the 750mV reference, the DL
output is high and the low-side MOSFET is on. During this
time, the voltage across the inductor is approximately V
OUT
.
This causes a down-slope or falling di/dt in the inductor. If
the load di/dt is not much faster than the di/dt in the
inductor, then the inductor current will tend to track the
falling load current. This will reduce the excess inductive
energy that must be absorbed by the output capacitor,
therefore a smaller capacitance can be used.
The following can be used to calculate the needed capaci-
tance for a given dI
LOAD
/dt. Peak inductor current is shown
by the next equation.
I
LPK = IMAX + 1/2 x IRIPPLEMAX
I
LPK = 3A + 1/2 x 2.7A = 4.353A
dt
dl
Current
Load
of
change
of
Rate
LOAD
I
MAX = maximum load release = 3A
OUT
PK
LOAD
MAX
OUT
LPK
TOL
LPK
OUT
V
V
2
dt
l
d
I
V
I
L
1
L
I
C
Example
s
1
A
2
dt
dl
LOAD
This causes the output current to move from 3A to 0A in
4.8μs, giving the minimum output capacitance require-
ment shown in the following equation.
V
3
.
3
V
432
.
3
2
s
1
A
2
A
3
V
3
.
3
A
353
.
4
%
20
1
H
2
.
2
A
353
.
4
C
OUT
Note that C
OUT
is much smaller in this example, 33μF com-
pared to 56μF based on a worst-case load release. To meet
the two design criteria of minimum 56μF, select three
capacitors rated at 22μF and 15mΩ ESR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com