Electronic Components Datasheet Search
  English  ▼

X  

MIC3202 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC3202
Description  High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3202 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC3202 Datasheet HTML 1Page - Micrel Semiconductor MIC3202 Datasheet HTML 2Page - Micrel Semiconductor MIC3202 Datasheet HTML 3Page - Micrel Semiconductor MIC3202 Datasheet HTML 4Page - Micrel Semiconductor MIC3202 Datasheet HTML 5Page - Micrel Semiconductor MIC3202 Datasheet HTML 6Page - Micrel Semiconductor MIC3202 Datasheet HTML 7Page - Micrel Semiconductor MIC3202 Datasheet HTML 8Page - Micrel Semiconductor MIC3202 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micrel, Inc.
MIC3202
Typical Characteristics
Efficiency
vs. Input Voltage
75
80
85
90
95
100
6
1422
3038
INPUT VOLTAGE (V)
ILED = 1A
L = 47uH
1LED
8LED
6LED
4LED
2LED
LED Current Normalized
vs. Input Voltage
0.98
0.99
1.00
1.01
1.02
6
14223038
INPUT VOLTAGE (V)
ILED = 1A
L = 47uH
1LED
8LED
6LED
4LED
2LED
LED Current Accuracy
vs. Input Voltage
-2.0%
-1.0%
0.0%
1.0%
2.0%
6
14
223038
INPUT VOLTAGE (V)
ILED = 1A
L = 47uH
1LED
8LED
6LED
4LED
2LED
Switching Frequency
vs. Input Voltage
0
250
500
750
1000
614
22
30
38
INPUT VOLTAGE (V)
ILED = 1A
L = 47uH
1LED
2LED
4LED
6LED
8LED
Duty Cycle
vs. Input Voltage
0%
25%
50%
75%
100%
6
14
223038
INPUT VOLTAGE (V)
1LED
2LED
4LED
6LED
8LED
ILED = 1A
L = 47uH
VIN Supply Current
vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
6
14223038
INPUT VOLTAGE (V)
VOUT = OPEN
VCC = 5V
NO-SWITCHING
VIN Shutdown Current
vs. Input Voltage
0.0
0.1
0.2
0.3
0.4
0.5
614
22
30
38
INPUT VOLTAGE (V)
VEN = 0V
VCC Voltage
vs. Input Voltage
4.950
4.975
5.000
5.025
5.050
6
14
223038
INPUT VOLTAGE (V)
VLED = OPEN
ILED = 0A
CS Voltage
vs. Input Voltage
150
175
200
225
250
6
1422
3038
INPUT VOLTAGE (V)
VCS MAX
VCS MIN
VLED =3.5V
ILED =1A
Enable Bias Current
vs. Enable Voltage
0
25
50
75
100
125
6
1422
3038
ENABLE VOLTAGE (V)
VIN = VEN
VLED =OPEN
ILED = 0A
Dimming Bias Current
vs. Dimming Voltage
0
25
50
75
100
6
1422
3038
DIMMING VOLTAGE (V)
VIN = VDIM
VLED =OPEN
ILED = 0A
Switch RDSON
vs. Input Voltage
225
275
325
375
425
6
1422
3038
INPUT VOLTAGE (V)
VLED = 3.5V
ILED = 1A
September 2010
5
M9999-091710-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com