Electronic Components Datasheet Search
  English  ▼

X  

MIC3202 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC3202
Description  High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3202 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC3202 Datasheet HTML 7Page - Micrel Semiconductor MIC3202 Datasheet HTML 8Page - Micrel Semiconductor MIC3202 Datasheet HTML 9Page - Micrel Semiconductor MIC3202 Datasheet HTML 10Page - Micrel Semiconductor MIC3202 Datasheet HTML 11Page - Micrel Semiconductor MIC3202 Datasheet HTML 12Page - Micrel Semiconductor MIC3202 Datasheet HTML 13Page - Micrel Semiconductor MIC3202 Datasheet HTML 14Page - Micrel Semiconductor MIC3202 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Micrel, Inc.
MIC3202
September 2010
11
M9999-091710-A
Inductor
According to the above equation, choose the inductor to
make the operating frequency no higher than 1.0MHz.
Tables 2, 3, and 4 give a reference inductor value and
corresponding frequency for a given LED current. For
space-sensitive applications, smaller inductor with higher
switching frequency could be used but the efficiency of
the regular will be reduced.
RCS (Ω)
ILED (A)
L (µH)
FSW (kHz)
1.33
0.15
220
474
0.56
0.35
100
439
0.4
0.5
68
461
0.28
0.7
47
467
0.2
1.0
33
475
Table 2. Inductor for VIN = 12V, 1 LED
RCS (Ω)
ILED (A)
L (µH)
FSW (kHz)
1.33
0.15
470
474
0.56
0.35
220
426
0.4
0.5
150
447
0.28
0.7
100
470
0.2
1.0
68
493
Table 3. Inductor for VIN = 24V, 4 LEDs
RCS (Ω)
ILED (A)
L (µH)
FSW (kHz)
1.33
0.15
470
495
0.56
0.35
220
446
0.4
0.5
150
467
0.28
0.7
100
490
0.2
1.0
68
515
Table 4. Inductor for VIN = 36V, 8 LEDs
Given an inductor value, the size of the inductor can be
determined by its RMS and peak current rating.
18
.
0
=
V
+
V
×
2
=
I
I
Δ
)
MIN
(
CS
)
MAX
(
CS
)
MIN
(
CS
)
MAX
(
CS
L
L
V
V
-
L
2
L
2
L
)
RMS
(
L
I
≈
I
Δ
12
1
+
I
=
I
L
L
L
)
PK
(
L
I
09
.
1
=
I
Δ
2
1
+
I
=
I
where:
IL is inductor average current.
Select an inductor with saturation current rating at least 30%
higher than the peak current.
Free-Wheeling Diode
The free-wheeling diode should have the reverse voltage
rating to accommodate the maximum input voltage. The
forward voltage drop should be small to get the lowest
conduction dissipation for high efficiency. The forward current
rating has to be at least equal to LED current. A Schottky
diode is recommended for highest efficiency.
Input Capacitor
The ceramic input capacitor is selected by voltage rating and
ripple current rating. To determine the input current ripple
rating, the RMS value of the input capacitor can be found by:
D)
-
(1
D
LED
CIN(RMS)
I
I
×
×
=
The power loss in the input capacitor is:
ESR
IN
CIN(RMS)
2
LOSS(CIN)
C
I
P
×
=
The input capacitor current rating can be considered as
ILED/2 under the worst condition D = 50%.
LED Ripple Current
The LED current is the same as inductor current. If LED ripple
current needs to be reduced then place a 4.7µF/50V ceramic
capacitor across LED.
Frequency Dithering
The MIC3202 is designed to reduce EMI by dithering the
switching frequency
±12% in order to spread the noise
spectrum over a wider range. This lowers the EMI noise
peaks generated by the switching regulator.
Switching regulators generate noise by their nature and they
are the main EMI source to interference with nearby circuits. If
the switching frequency of a regulator is modulated via
frequency dithering, the energy of the EMI is spread among
many frequencies instead of concentrated at fundamental
switching frequency and its harmonics. The MIC3202
modulates the VCS(MAX) with amplitude ±6mV by a pseudo
random generator to generate the
±12% of the switching
frequency dithering to reduce the EMI noise peaks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com