Electronic Components Datasheet Search
  English  ▼

X  

MIC3202 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC3202
Description  High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3202 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC3202 Datasheet HTML 5Page - Micrel Semiconductor MIC3202 Datasheet HTML 6Page - Micrel Semiconductor MIC3202 Datasheet HTML 7Page - Micrel Semiconductor MIC3202 Datasheet HTML 8Page - Micrel Semiconductor MIC3202 Datasheet HTML 9Page - Micrel Semiconductor MIC3202 Datasheet HTML 10Page - Micrel Semiconductor MIC3202 Datasheet HTML 11Page - Micrel Semiconductor MIC3202 Datasheet HTML 12Page - Micrel Semiconductor MIC3202 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Micrel, Inc.
MIC3202
September 2010
9
M9999-091710-A
Functional Diagram
Figure 1. MIC3202/MIC3202-1 Functional Block Diagram
Functional Description
The MIC3202 is a hysteretic step-down driver which
regulates the LED current over wide input voltage range
and capable of driving up to eight 1A LEDs in series.
The device operates from a 6V to 37V input. When the
input voltage reaches 6V, the internal 5V VCC is
regulated and the LX pin is pulled low if the EN pin and
DIM pin are high. The inductor current builds up linearly.
When the CS pin voltage hits VCS(MAX) with respect to VIN,
the MOSFET turns off and the Schottky diode takes over
and returns the current to VIN. Then the current through
inductor and LEDs starts decreasing. When CS pin hits
VCS(MIN), the MOSFET turns on and the cycle repeats.
The frequency of operation depends upon the input voltage,
total LED voltage drop, LED current and temperature. The
calculation for frequency of operation is given in the
Application Information
section.
The MIC3202 has an EN pin which gives the flexibility to
enable and disable the output with logic high and low
signals.
The MIC3202 also has a DIM pin which can turn on and off
the LEDs if EN is in HIGH state. This DIM pin controls the
brightness of the LED by varying the duty cycle of DIM pin
from 1% to 99%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com