Electronic Components Datasheet Search
  English  ▼

X  

MIC3202 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3202
Description  High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3202 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3202 Datasheet HTML 1Page - Micrel Semiconductor MIC3202 Datasheet HTML 2Page - Micrel Semiconductor MIC3202 Datasheet HTML 3Page - Micrel Semiconductor MIC3202 Datasheet HTML 4Page - Micrel Semiconductor MIC3202 Datasheet HTML 5Page - Micrel Semiconductor MIC3202 Datasheet HTML 6Page - Micrel Semiconductor MIC3202 Datasheet HTML 7Page - Micrel Semiconductor MIC3202 Datasheet HTML 8Page - Micrel Semiconductor MIC3202 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
MIC3202
September 2010
4
M9999-091710-A
Electrical Characteristics (4)
VIN = VEN = VDIM = 12V; CVCC = 1.0µF; TJ = 25°C, bold values indicate −40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Dimming Input
DIMHI
DIM Logic Level High
2.0
V
DIM Logic Level Low
0.4
V
VDIM = 12V
20
35
DIMLO
DIM Bias Current
VDIM = 0V
0.1
1
µA
fDIM
Maximum Dimming Frequency
20
kHz
Internal MOSFET
MOSFET RDS(ON)
ILX = 200mA
275
625
mΩ
RDS(ON)
LX Leakage Current
VEN = 0V; VIN = VLX = 37V
5
50
µA
Thermal Protection
TLIM
Over-Temperature Shutdown
TJ Rising
160
TLIMHYS
Over-Temperature Shutdown Hysteresis
20
°C
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
3.
The device is not guaranteed to function outside its operating rating.
4.
Specification for packaged product only.
5.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com