Electronic Components Datasheet Search
  English  ▼

X  

MIC3202 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC3202
Description  High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3202 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC3202 Datasheet HTML 1Page - Micrel Semiconductor MIC3202 Datasheet HTML 2Page - Micrel Semiconductor MIC3202 Datasheet HTML 3Page - Micrel Semiconductor MIC3202 Datasheet HTML 4Page - Micrel Semiconductor MIC3202 Datasheet HTML 5Page - Micrel Semiconductor MIC3202 Datasheet HTML 6Page - Micrel Semiconductor MIC3202 Datasheet HTML 7Page - Micrel Semiconductor MIC3202 Datasheet HTML 8Page - Micrel Semiconductor MIC3202 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Micrel, Inc.
MIC3202/MIC3202-1
September 2010
2
M9999-091710-A
Ordering Information (1)
Part Number
Marking
Junction Temperature Range
Package
PWM
MIC3202YME
MIC3202YME
−40°C to +125°C
8-Pin SOIC
Dither
MIC3202-1YME
MIC3202-1YME
−40°C to +125°C
8-Pin SOIC
Non-Dither
Note:
1.
YM
® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
8-Pin ePAD SOIC
MIC3202/MIC3202-1
Pin Description
Pin
Number
Pin Name
Pin Function
1
VCC
Voltage Regulator Output. The VCC pin supplies the power to the internal circuitry. The VCC is the output
of a linear regulator which is powered from VIN. A 1µF ceramic capacitor is recommended for bypassing
and should be placed as close as possible to the VCC and AGND pins.
2
CS
Current-Sense Input. The CS pin provides the high-side current sense to set the LED current using an
external sense resistor.
3
VIN
Input Power Supply. The VIN pin is the input supply pin to the internal circuitry and the positive input to
the current sense comparator. Due to the high frequency switching noise, a 1µF ceramic capacitor is
recommended to be placed as close as possible to VIN pin and the power ground (PGND) pin for
bypassing. Please refer to layout recommendations.
4
AGND
Ground pin for analog circuitry. Internal signal ground for all low power sections.
5
EN
Enable Input. The EN pin provides a logic level control of the output. The voltage has to be 2.0V or higher
to enable the current regulator. The output stage is also gated by the DIM input. When the EN pin is
pulled low, the regulator goes to off state and the supply current of the device is greatly reduced (below
1µA).
6
DIM
PWM Dimming Input. The DIM pin provides the control for brightness of the LED. A PWM input can be
used to control the brightness of LED. DIM high enables the output and its voltage has to be at least 2.0V
or higher. DIM low disables the output, regardless of EN “high” state.
7
PGND
Power Ground pin for Internal Power FET. Power Ground (PGND) is the ground path for the high current.
The current loop for the power ground should be as small as possible and separate from the Analog
ground (AGND) loop. Refer to the layout considerations for more details.
8
LX
Drain of Internal Power MOSFET. The LX pin connects directly to the inductor and provides the switching
current necessary to operate in hysteretic mode. Due to the high frequency switching and high voltage
associated with this pin, the switch node should be routed away from sensitive nodes.
EP
GND
Connect to PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com