Electronic Components Datasheet Search
  English  ▼

X  

MIC3202 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC3202
Description  High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3202 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC3202 Datasheet HTML 1Page - Micrel Semiconductor MIC3202 Datasheet HTML 2Page - Micrel Semiconductor MIC3202 Datasheet HTML 3Page - Micrel Semiconductor MIC3202 Datasheet HTML 4Page - Micrel Semiconductor MIC3202 Datasheet HTML 5Page - Micrel Semiconductor MIC3202 Datasheet HTML 6Page - Micrel Semiconductor MIC3202 Datasheet HTML 7Page - Micrel Semiconductor MIC3202 Datasheet HTML 8Page - Micrel Semiconductor MIC3202 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MIC3202/MIC3202-1
High-Brightness LED Driver with
Integrated MOSFET and High-Side
Current Sense
944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408)
Septembe
M9999-091710-A
r 2010
General Description
The MIC3202 is a hysteretic, step-down, constant-current,
High-Brightness LED (HB LED) driver. It provides an ideal
solution for interior/exterior lighting, architectural and
ambient lighting, LED bulbs, and other general illumination
applications.
The MIC3202 is well suited for lighting applications
requiring a wide-input voltage range. The hysteretic control
gives good supply rejection and fast response during load
transients and PWM dimming. The high-side current
sensing and on-chip current-sense amplifier delivers LED
current with
±5% accuracy. An external high-side current-
sense resistor is used to set the output current.
The MIC3202 offers a dedicated PWM input (DIM) which
enables a wide range of pulsed dimming. High-frequency
switching operation of up to 1MHz allows the use of
smaller external components, minimizing space and cost.
The MIC3202 offers a frequency dither feature for low-EMI
applications.
The MIC3202 operates over a junction temperature from
−40°C to +125°C and is available in an 8-pin e-PAD SOIC
package.
A dither disabled version MIC3202-1 is also available in
the same package as the MIC3202.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 6V to 37V input voltage range
• High efficiency (>90%)
• ±5% LED current accuracy
• MIC3202: Dither enabled for low EMI
• MIC3202-1: Dither disabled
• High-side current sense (up to 1A)
• Dedicated dimming control input
• Hysteretic control (no compensation required)
• Up to 1MHz switching frequency
• Adjustable constant LED current
• Over-temperature protection
• −40°C to +125°C junction temperature range
Applications
• Architectural, industrial, and ambient lighting
• LED bulbs
• Indicators and emergency lighting
• Street lighting
• Channel letters
• 12V lighting systems (MR-16 bulbs, under-cabinet
lighting, garden/pathway lighting)
_________________________________________________________________________________________________________________________
Typical Application
MIC3202 Step-Down LED Driver
Efficiency
vs. Input Voltage
80
85
90
95
100
6
1422
3038
INPUT VOLTAGE (V)
ILED = 1A
L = 47uH
8LED
6LED
4LED
2LED


Similar Part No. - MIC3202

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
More results

Similar Description - MIC3202

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832A MAXIM-MAX16832A Datasheet
142Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16822A MAXIM-MAX16822A_10 Datasheet
188Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
logo
Maxim Integrated Produc...
MAX16832A MAXIM-MAX16832A_12 Datasheet
259Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 5; 3/12
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com