Electronic Components Datasheet Search
  English  ▼

X  

MIC3202 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC3202
Description  High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3202 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC3202 Datasheet HTML 2Page - Micrel Semiconductor MIC3202 Datasheet HTML 3Page - Micrel Semiconductor MIC3202 Datasheet HTML 4Page - Micrel Semiconductor MIC3202 Datasheet HTML 5Page - Micrel Semiconductor MIC3202 Datasheet HTML 6Page - Micrel Semiconductor MIC3202 Datasheet HTML 7Page - Micrel Semiconductor MIC3202 Datasheet HTML 8Page - Micrel Semiconductor MIC3202 Datasheet HTML 9Page - Micrel Semiconductor MIC3202 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Micrel, Inc.
MIC3202
Typical Characteristics (Continued)`
VIN Supply Current
vs. Temperature
0.0
0.5
1.0
1.5
2.0
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN =VIN = 12V
VLED = OPEN
ILED = 0A
Shutdown Current
vs. Temperature
0
0.1
0.2
0.3
0.4
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 12V
VEN = 0V
VIN UVLO Threshold
vs. Temperature
3.0
3.5
4.0
4.5
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
Rising
Falling
VIN = 12V
VLED = 3.5V
ILED = 1A
L = 47uH
Switching Frequency
vs. Temperature
300
310
320
330
340
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 12V
VLED = 3.5V
ILED = 1A
L = 47uH
Enable Bias Current
vs. Temperature
20
25
30
35
40
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN =VEN = 12V
VLED = OPEN
ILED = 0A
VCC Voltage
vs. Temperature
4.80
4.90
5.00
5.10
5.20
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 12V
VLED = OPEN
ILED = 0A
CS Voltage
vs. Temperature
150
175
200
225
250
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 12V
VLED = 3.5V
ILED = 1A
L = 47uH
VCS MAX
VCS MIN
Switch RDSON
vs. Temperature
200
250
300
350
400
450
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 12V
ISW = 0.2A
Case Temperature
vs. Input Voltage
20
30
40
50
6
1422
3038
INPUT VOLTAGE (V)
VLED = 3.5V
ILED = 1A
L = 47uH
1oz/3.5 Sq Inch
Switch Voltage
vs. Switch Current
0
50
100
150
200
250
300
0.0
0.3
0.5
0.8
1.0
SWITCH CURRENT (A)
VLED = 3.5V
VIN = 12V
Switch RDSON
vs. Switch Current
270
275
280
285
290
0.0
0.3
0.5
0.8
1.0
SWITCH CURRENT (A)
VLED = 3.5V
VIN = 12V
Switch Voltage
vs. Switch Current
0
50
100
150
200
250
300
0.0
0.3
0.5
0.8
1.0
SWITCH CURRENT (A)
VLED = 3.5V
VIN = 12V
September 2010
6
M9999-091710-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com