Electronic Components Datasheet Search
  English  ▼

X  

MIC2570 Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # MIC2570
Description  Two-Cell Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2570 Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  MIC2570 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MIC2570
Micrel, Inc.
MIC2570
4
August 2007
Typical Characteristics
0
0.5
1.0
1.5
2.0
0
0.2
0.4
0.6
0.8
1.0
SWITCH VOLTAGE (V)
Switch Saturation Voltage
TA = –40°C
VIN= 3.0V
2.5V
2.0V
1.5V
0
0.5
1.0
1.5
2.0
0
0.2
0.4
0.6
0.8
1.0
SWITCH VOLTAGE (V)
Switch Saturation Voltage
TA = 25°C
VIN = 3.0V
2.0V
2.5V
1.5V
0
0.5
1.0
1.5
2.0
0
0.2
0.4
0.6
0.8
1.0
SWITCH VOLTAGE (V)
Switch Saturation Voltage
TA = 85°C
1.5V
VIN = 3.0V
15
20
25
30
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Oscillator Frequency
vs. Temperature
VIN = 2.5V
ISW= 100mA
50
55
60
65
70
75
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Oscillator Duty Cycle
vs. Temperature
VIN = 2.5V
ISW= 100mA
50
75
100
125
150
175
200
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Quiescent Current
vs. Temperature
VIN = 2.5V
0
2
4
6
8
10
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Feedback Current
vs. Temperature
VIN = 2.5V
MIC2570-1
0
10
20
30
40
50
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Feedback Current
vs. Temperature
VIN = 2.5V
MIC2570-2
0
25
50
75
100
125
150
175
200
0
2
4
6
8
10
SUPPLY VOLTAGE (V)
Quiescent Current
vs. Supply Voltage
–40°C
+85°C
+25°C
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Output Current Limit
vs. Temperature
0.01
0.1
1
10
100
1000
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Switch Leakage Current
vs. Temperature
0
25
50
75
100
125
150
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Output Hysteresis
vs. Temperature
2.85V
3.3V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com