Electronic Components Datasheet Search
  English  ▼

X  

MIC2570 Datasheet(PDF) 12 Page - MIC GROUP RECTIFIERS

Part # MIC2570
Description  Two-Cell Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2570 Datasheet(HTML) 12 Page - MIC GROUP RECTIFIERS

Back Button MIC2570 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 14Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 15Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MIC2570
Micrel, Inc.
MIC2570
12
August 2007
GND
FB
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-2BM
C1 AVX
TPSD107M010R0100 Tantalum ESR = 0.1Ω
C2 AVX
TPSE227M010R0100 Tantalum ESR = 0.1Ω
C3 AVX
TPSE227M010R0100 Tantalum ESR = 0.1Ω
D1 Motorola MBRA140T3
L1 Coilcraft DO3316P-473 DCR = 0.12Ω
Q1 Zetex
ZTX7888
7
6
1
2
8
IN
C1
100µF
10V
D1
L1
47µH
2.0V to 3.1V
2 Cell
VOUT = 0.22V × (1+R2/R1)
MBRA140
C3
220µF
10V
R1
20k
1%
R2
434k
1%
D2
1N4148
74C04
VOUT
5V/100mA
C2
220µF
10V
R1
510Ω
Enable
Shutdown
Q1
ZTX7888
U1
R3
100k
Example 12. 5V/100mA Regulator with Shutdown and Output Disconnect
GND
5V
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-1BM
C1 AVX
TPSD107M010R0100 Tantalum ESR = 0.1Ω
C2 AVX
TPSE227M010R0100 Tantalum ESR = 0.1Ω
D1 Motorola MBRA140T3
D2 Motorola MBRS130L
L1 Coilcraft DO3316P-473 DCR = 0.12Ω
7
4
1
2
8
IN
C2
220µF
10V
VOUT
5V/70mA
2.0V to 3.1V
2 Cell
C1
100µF
10V
D1
MBRA140
L1
47µH
D2
MBRS130L
U1
Example 13. Reversed-Battery Protected Regulator
GND
5V
SW
MIC2570
SYNC
U1 Micrel
MIC2570-1BM
C1 AVX
TPSD107M010R0100 Tantalum ESR = 0.1Ω
C2 AVX
TPSE227M010R0100 Tantalum ESR = 0.1Ω
D1 Motorola MBRA140T3
D2 Motorola MBRS130LT3
D3 Motorola MBRS130LT3
L1 Coilcraft DO3316P-473 DCR = 0.12
Q1 Siliconix Si9434 PMOS
7
4
1
2
8
IN
C2
220µF
10V
VOUT
5V/100mA
C1
100µF
10V
D1
MBRA140
L1
47µH
D3
1N4148
D2
1N4148
C3
0.1µF
2.0V to 3.1V
2 Cell
R1
100k
C4
0.1µF
Q1
Si9434
U1
body diode
Example 14. Improved Reversed-Battery Protected Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com