Electronic Components Datasheet Search
  English  ▼

X  

MIC2570 Datasheet(PDF) 9 Page - MIC GROUP RECTIFIERS

Part # MIC2570
Description  Two-Cell Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2570 Datasheet(HTML) 9 Page - MIC GROUP RECTIFIERS

Back Button MIC2570 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 13Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
August 2007
9
MIC2570
MIC2570
Micrel, Inc.
Application Examples
GND
5V
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-1BM
C1 AVX
TPSD107M010R0100 Tantalum, ESR = 0.1Ω
C2 AVX
TPSE227M010R0100 Tantalum, ESR = 0.1Ω
D1 Motorola MBRA140T3
L1 Coilcraft DO3316P-473, DCR = 0.12Ω
7
4
1
2
8
IN
C2
220µF
10V
VOUT
5V/100mA
2.0V to 3.1V
2 Cells
C1
100µF
10V
D1
MBRA140
L1
47µH
U1
Example 1. 5V/100mA Regulator
GND
3.3V
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-1BM
C1 AVX
TPSD107M010R0100 Tantalum, ESR = 0.1Ω
C2 AVX
TPSE337M006R0100 Tantalum, ESR = 0.1Ω
D1 Motorola MBRA140T3
L1 Coilcraft DO3316P-473, DCR = 0.12Ω
7
5
1
2
8
IN
C2
330µF
6.3V
VOUT
3.3V/150mA
2.0V to 3.1V
2 Cells
C1
100µF
10V
D1
MBRA140
L1
47µH
U1
Example 2. 3.3V/150mA Regulator
GND
FB
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-2BM
C1 AVX
TPSD107M010R0100 Tantalum, ESR = 0.11Ω
C2 AVX
TPSE336M025R0300 Tantalum, ESR = 0.3Ω
D1 Motorola MBRA140T3
L1 Coilcraft DO3316P-473, DCR = 0.12Ω
7
6
1
2
8
IN
C2
33µF
25V
VOUT
12V/40mA
2.0V to 3.1V
2 Cells
C1
100µF
10V
D1
MBRA140
L1
47µH
R2
1M
1%
R1
18.7k
1%
VOUT = 0.22V × (1+R2/R1)
U1
Example 3. 12V/40mA Regulator
GND
3.3V
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-1BM
C1 AVX
TPSD107M010R0100 Tantalum, ESR = 0.1Ω
C2 AVX
TPSD107M010R0100 Tantalum, ESR = 0.1Ω
C3 AVX
TPSE337M006R0100 Tantalum, ESR = 0.1Ω
D1 Motorola
MBRA140T3
L1 Coiltronics CTX50-4P DCR = 0.097Ω
7
5
1
2
8
IN
C3
330µF
6.3V
VOUT
3.3V/80mA
2.5V to 4.2V
1 Li Cell
C1
100µF
10V
D1
MBRA140
L1
50µH
L1
C2
100µF
10V
U1
1
2
3
4
Example 4. Single Cell Lithium
to 3.3V/80mA Regulator
GND
FB
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-2BM
U2 Micrel
MIC5203-5.0BM4
C1 AVX
TPSD107M010R0100 Tantalum ESR = 0.1Ω
C2 AVX
TPSE227M010R0300 Tantalum ESR = 0.1Ω
C3 Sprague 293D105X0016A2W Tantalum
D1 Motorola MBRA140T3
L1 Coilcraft DO3316P-473 DCR = 0.12Ω
7
6
1
2
8
IN
C1
100µF
10V
D1
L1
47µH
2.0V to 3.1V
2 Cells
VOUT = 0.22V × (1+R2/R1)
U1
MBRA140
C2
220µF
10V
MIC5203
IN
EN
GND
OUT
VOUT
5V/80mA
C3
1µF
16V
1
2
3
4
R1
20k
1%
R2
523k
1%
6V
U2
Example 5. Low-Noise 5V/80mA Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com