Electronic Components Datasheet Search
  English  ▼

X  

MIC2570 Datasheet(PDF) 8 Page - MIC GROUP RECTIFIERS

Part # MIC2570
Description  Two-Cell Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2570 Datasheet(HTML) 8 Page - MIC GROUP RECTIFIERS

Back Button MIC2570 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 12Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MIC2570
Micrel, Inc.
MIC2570
8
August 2007
at each cycle. At the threshold between continuous and dis-
continuous operation we can use the fact that I1 = I2 to get:
V1 × t1 = V2 × t2
V1
V2
t2
t1
=
This relationship is useful for finding the desired oscillator
duty cycle based on input and output voltages. Since input
voltages typically vary widely over the life of the battery, care
must be taken to consider the worst case voltage for each
parameter. For example, the worst case for t1 is when VIN
is at its minimum value and the worst case for t2 is when VIN
is at its maximum value (assuming that VOUT, VDIODE and
VSAT do not change much).
To select an inductor for a particular application, the worst
case input and output conditions must be determined. Based
on the worst case output current we can estimate efficiency
and therefore the required input current. Remember that
this is power conversion, so the worst case average input
current will occur at maximum output current and minimum
input voltage.
Average IIN(max) =
VOUT × IOUT(max)
VIN(min) × Efficiency
Referring to Figure 1, it can be seen the peak input current
will be twice the average input current. Rearranging the
inductor equation to solve for L:
L =
V
I
× t1
L =
VIN(min)
2 × Average IIN(max)
× t1
where t1 =
duty cycle
fOSC
To illustrate the use of these equations a design example
will be given:
Assume:
MIC2570-1 (fixed oscillator)
VOUT = 5V
IOUT(max) =50mA
VIN(min) = 1.8V
efficiency = 75%.
L =
1.8V × 0.7
2 × 185.2mA × 20kHz
Average IIN(max) =
5V × 50mA
1.8V × 0.75
× 185.2mA
L = 170µH
Use the next lowest standard value of inductor and verify
that it does not saturate at a current below about 400mA
(< 2 × 185.2mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com