Electronic Components Datasheet Search
  English  ▼

X  

MIC2570 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # MIC2570
Description  Two-Cell Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2570 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  MIC2570 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
August 2007
1
MIC2570
MIC2570
Micrel, Inc.
MIC2570
Two-Cell Switching Regulator
General Description
Micrel’s MIC2570 is a micropower boost switching regulator
that operates from two alkaline, two nickel-metal-hydride
cells, or one lithium cell.
The MIC2570 accepts a positive input voltage between 1.3V
and 15V. Its typical no-load supply current is 130µA.
The MIC2570 is available in selectable fixed output or ad-
justable output versions. The MIC2570-1 can be configured
for 2.85V, 3.3V, or 5V by connecting one of three separate
feedback pins to the output. The MIC2570-2 can be config-
ured for an output voltage ranging between its input voltage
and 36V, using an external resistor network.
The MIC2570 has a fixed switching frequency of 20kHz. An
external SYNC connection allows the switching frequency to
be synchronized to an external signal.
The MIC2570 requires only four components (diode, inductor,
input capacitor and output capacitor) to implement a boost
regulator. A complete regulator can be constructed in a 0.6
in2 area.
All versions are available in an 8-lead SOIC with an operating
range from –40°C to +85°.
Typical Applications
Features
• Operates from a two-cell supply
1.3V to 15V operation
• 130µA typical quiescent current
• Complete regulator fits 0.6 in2 area
• 2.85V/3.3V/5V selectable output voltage (MIC2570-1)
• Adjustable output up to 36V (MIC2570-2)
• 1A current limited pass element
• Frequency synchronization input
• 8-lead SOIC package
Applications
• LCD bias generator
• Glucose meters
• Single-cell lithium to 3.3V or 5V converters
• Two-cell alkaline to ±5V converters
• Two-cell alkaline to –5V converters
• Battery-powered, hand-held instruments
• Palmtop computers
• Remote controls
• Detectors
• Battery Backup Supplies
Two-Cell to 5V DC-to-DC Converter
IN
SW
GND
MIC2570-1
C2
220µF
10V
5V/100mA
C1
100µF
10V
2.0V–3.1V
2 AA Cells
2.85V
3.3V
5V
2
4
5
6
1
7
8
L1
47µH
S YNC
D1
MBRA140
Single-Cell Lithium to 3.3V/80mARegulator
GND
3.3V
S W
MIC2570
S Y NC
7
5
1
2
8
IN
C3
330µF
6.3V
VOUT
3.3V/80mA
2.5V to 4.2V
1 Li Cell
C1
100µF
10V
D1
MBRA140
L1
50µH
L1
C2
100µF
10V
U1
1
2
3
4
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC2570

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
Two-Cell Switching Regulator Preliminary Information
MIC2570 MICREL-MIC2570 Datasheet
361Kb / 15P
Two-Cell Switching Regulator
MIC2570-1BM MICREL-MIC2570-1BM Datasheet
178Kb / 14P
Two-Cell Switching Regulator Preliminary Information
MIC2570-1BM MICREL-MIC2570-1BM Datasheet
361Kb / 15P
Two-Cell Switching Regulator
MIC2570-2BM MICREL-MIC2570-2BM Datasheet
178Kb / 14P
Two-Cell Switching Regulator Preliminary Information
More results

Similar Description - MIC2570

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2355 NJRC-NJM2355 Datasheet
326Kb / 11P
TWO OUTPUT HIGH VOLTAGE SWITCHING REGULATOR
logo
Rohm
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
Two-channel switching regulator controller
logo
Micrel Semiconductor
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
Two-Cell Switching Regulator Preliminary Information
MIC2571 MICREL-MIC2571 Datasheet
126Kb / 11P
Single-Cell Switching Regulator Preliminary Information
logo
Unisonic Technologies
BA9741 UTC-BA9741 Datasheet
142Kb / 5P
TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
Eutech Microelectronics...
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
LI-ION/POLYMER TWO CELL PROTECTOR
logo
Micrel Semiconductor
MIC2570 MICREL-MIC2570_07 Datasheet
361Kb / 15P
Two-Cell Switching Regulator
logo
MIC GROUP RECTIFIERS
MIC2571 MIC-MIC2571_11 Datasheet
574Kb / 12P
Single-Cell Switching Regulator Final Information
logo
Micrel Semiconductor
MIC2571 MICREL-MIC2571_02 Datasheet
574Kb / 12P
Single-Cell Switching Regulator
logo
E-Tech Electronics LTD
BA9741 ETL-BA9741 Datasheet
146Kb / 5P
TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com