Electronic Components Datasheet Search
  English  ▼

X  

MIC2570 Datasheet(PDF) 11 Page - MIC GROUP RECTIFIERS

Part # MIC2570
Description  Two-Cell Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2570 Datasheet(HTML) 11 Page - MIC GROUP RECTIFIERS

Back Button MIC2570 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 14Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 15Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
August 2007
11
MIC2570
MIC2570
Micrel, Inc.
GND
FB
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-2BM
C1 Sanyo
16MV330GX Electrolytic ESR = 0.1Ω
C2 Sanyo
35MV68GX
Electrolytic ESR = 0.22Ω
C3 Sanyo
35MV68GX
Electrolytic ESR = 0.22Ω
C4 Sanyo
63MV826X
Electrolytic ESR = 0.34Ω
D1 Motorola 1N5819
D2 Motorola 1N5819
D3 Motorola 1N5819
L1 Sumida
RCH106-470k DCR = 0.16Ω
7
6
1
2
8
IN
C1
330µF
16V
D1
L1
47µH
2.0V to 3.1V
2 Cell
1N5819
D2
1N5819
D3
1N5819
C3
68µF
35V
R2
2.2M
1%
R1
10k
1%
C4
82µF
63V
VOUT
50V/10mA
C2
68µF, 35V
U1
VOUT = 0.22 ×(1+R2/R1)
Example 9. Voltage Doubler
GND
FB
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-2BM
C1 AVX
TPSD107M010R0100 Tantalum ESR = 0.1Ω
C2 AVX
TPSE227M010R0100 Tantalum ESR = 0.1Ω
D1 Motorola MBRA140T3
L1 Coilcraft DO3316P-473 DCR = 0.12Ω
7
6
1
2
8
IN
C2
220µF
10V
2.0V to 3.1V
2 Cell
C1
100µF
10V
D1
MBRA140
L1
47µH
R1
11k
1%
I = 0.22V/R1
D2
LED
X5 I
LED
U1
Example 10. Constant-Current LED Supply
Enable
Shutdown
GND
FB
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-2BM
C1 AVX
TPSD107M010R0100 Tantalum ESR = 0.1Ω
C2 AVX
TPSE227M010R0100 Tantalum ESR = 0.1Ω
D1 Motorola MBRA140T3
L1 Coilcraft DO3316P-473 DCR = 0.12Ω
7
6
1
2
8
IN
C1
100µF
10V
D1
L1
47µH
2.0V to 3.1V
2 Cell
VOUT = 0.22V × (1+R2/R1)
MBRA140
C2
220µF
10V
R1
20k
1%
R2
434k
1%
D2
1N4148
74C04
VOUT
5V/100mA
U1
R3
100k
Example 11. 5V/100mA Regulator with Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com