Electronic Components Datasheet Search
  English  ▼

X  

MIC2570 Datasheet(PDF) 7 Page - MIC GROUP RECTIFIERS

Part # MIC2570
Description  Two-Cell Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2570 Datasheet(HTML) 7 Page - MIC GROUP RECTIFIERS

Back Button MIC2570 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC2570 Datasheet HTML 11Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
August 2007
7
MIC2570
MIC2570
Micrel, Inc.
Figure 2 shows an example of inductor current in the continu-
ous mode with its associated change in oscillator frequency
and duty cycle. This situation is most likely to occur with
relatively small inductor values, large input voltage varia-
tions and output voltages which are less than ~3× the input
voltage. Selection of an inductor with a saturation threshold
above 1.2A will insure that the system can withstand these
conditions.
Inductors, Capacitors and Diodes
The importance of choosing correct inductors, capacitors and
diodescannotbeignored.Poorchoicesforthesecomponents
can cause problems as severe as circuit failure or as subtle
as poorer than expected efficiency.
a.
b.
c.
Time
Figure 3. Inductor Current: a. Normal,
b. Saturating, and c. Excessive ESR
Inductors
Inductors must be selected such that they do not saturate
under maximum current conditions. When an inductor satu-
rates, its effective inductance drops rapidly and the current
can suddenly jump to very high and destructive values.
Figure 3 compares inductors with currents that are correct
and unacceptable due to core saturation. The inductors
have the same nominal inductance but Figure 3b has a lower
saturation threshold. Another consideration in the selection of
inductors is the radiated energy. In general, toroids have the
best radiation characteristics while bobbins have the worst.
Some bobbins have caps or enclosures which significantly
reduce stray radiation.
The last electrical characteristic of the inductor that must be
considered is ESR (equivalent series resistance). Figure
3c shows the current waveform when ESR is excessive.
The normal symptom of excessive ESR is reduced power
transfer efficiency.
Capacitors
It is important to select high-quality, low ESR, filter capacitors
for the output of the regulator circuit. High ESR in the output
capacitor causes excessive ripple due to the voltage drop
across the ESR. A triangular current pulse with a peak of
500mA into a 200mΩ ESR can cause 100mV of ripple at the
output due the capacitor only. Acceptable values of ESR are
typically in the 50mΩ range. Inexpensive aluminum electro-
lytic capacitors usually are the worst choice while tantalum
capacitors are typically better. Figure 4 demonstrates the
effect of capacitor ESR on output ripple voltage.
4.75
5.00
5.25
0
500
1000
1500
TIME (µs)
Figure 4. Output Ripple
Output Diode
Finally, the output diode must be selected to have adequate
reverse breakdown voltage and low forward voltage at the
application current. Schottky diodes typically meet these
requirements.
Standard silicon diodes have forward voltages which are too
large except in extremely low power applications. They can
alsobeveryslow,especiallythosesuitedtopowerrectification
such as the 1N400x series, which affects efficiency.
Inductor Behavior
The inductor is an energy storage and transfer device. Its
behavior (neglecting series resistance) is described by the
following equation:
I =
V
L
× t
where:
V = inductor voltage (V)
L = inductor value (H)
t = time (s)
I = inductor current (A)
If a voltage is applied across an inductor (initial current is zero)
for a known time, the current flowing through the inductor is
a linear ramp starting at zero, reaching a maximum value
at the end of the period. When the output switch is on, the
voltage across the inductor is:
V1 = VIN – VSAT
When the output switch turns off, the voltage across the in-
ductor changes sign and flies high in an attempt to maintain
a constant current. The inductor voltage will eventually be
clamped to a diode drop above VOUT. Therefore, when the
output switch is off, the voltage across the inductor is:
V2 = VOUT + VDIODE – VIN
For normal operation the inductor current is a triangular
waveform which returns to zero current (discontinuous mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com