Electronic Components Datasheet Search
  English  ▼

X  

R5F52108ADFF Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R5F52108ADFF
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52108ADFF Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R5F52108ADFF Datasheet HTML 65Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 66Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 67Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 68Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 69Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 70Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 71Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 72Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 69 of 90
Apr 15, 2011
RX210 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
○○○
0008 7219h
ICU
Interrupt request enable register 19
IER19
8
8
2 ICLK
○○○
0008 721Ah
ICU
Interrupt request enable register 1A
IER1A
8
8
2 ICLK
○○○
0008 721Bh
ICU
Interrupt request enable register 1B
IER1B
8
8
2 ICLK
○○○
0008 721Ch
ICU
Interrupt request enable register 1C
IER1C
8
8
2 ICLK
○○○
0008 721Dh
ICU
Interrupt request enable register 1D
IER1D
8
8
2 ICLK
○○○
0008 721Eh
ICU
Interrupt request enable register 1E
IER1E
8
8
2 ICLK
○○○
0008 721Fh
ICU
Interrupt request enable register 1F
IER1F
8
8
2 ICLK
○○○
0008 72E0h
ICU
Software interrupt activation register
SWINTR
8
8
2 ICLK
○○○
0008 72F0h
ICU
Fast interrupt set register
FIR
16
16
2 ICLK
○○○
0008 7300h
ICU
Interrupt source priority register 000
IPR000
8
8
2 ICLK
○○○
0008 7301h
ICU
Interrupt source priority register 001
IPR001
8
8
2 ICLK
○○○
0008 7302h
ICU
Interrupt source priority register 002
IPR002
8
8
2 ICLK
○○○
0008 7303h
ICU
Interrupt source priority register 003
IPR003
8
8
2 ICLK
○○○
0008 7304h
ICU
Interrupt source priority register 004
IPR004
8
8
2 ICLK
○○○
0008 7305h
ICU
Interrupt source priority register 005
IPR005
8
8
2 ICLK
○○○
0008 7306h
ICU
Interrupt source priority register 006
IPR006
8
8
2 ICLK
○○○
0008 7307h
ICU
Interrupt source priority register 007
IPR007
8
8
2 ICLK
○○○
0008 7320h
ICU
Interrupt source priority register 032
IPR032
8
8
2 ICLK
○○○
0008 7321h
ICU
Interrupt source priority register 033
IPR033
8
8
2 ICLK
○○○
0008 7322h
ICU
Interrupt source priority register 034
IPR034
8
8
2 ICLK
○○○
0008 732Ch
ICU
Interrupt source priority register 044
IPR044
8
8
2 ICLK
○○○
0008 7339h
ICU
Interrupt source priority register 057
IPR057
8
8
2 ICLK
○○○
0008 733Ah
ICU
Interrupt source priority register 058
IPR058
8
8
2 ICLK
○○○
0008 733Bh
ICU
Interrupt source priority register 059
IPR059
8
8
2 ICLK
○○○
0008 733Fh
ICU
Interrupt source priority register 063
IPR063
8
8
2 ICLK
○○○
0008 7340h
ICU
Interrupt source priority register 064
IPR064
8
8
2 ICLK
○○○
0008 7341h
ICU
Interrupt source priority register 065
IPR065
8
8
2 ICLK
○○○
0008 7342h
ICU
Interrupt source priority register 066
IPR066
8
8
2 ICLK
○○○
0008 7343h
ICU
Interrupt source priority register 067
IPR067
8
8
2 ICLK
○○○
0008 7344h
ICU
Interrupt source priority register 068
IPR068
8
8
2 ICLK
○○○
0008 7345h
ICU
Interrupt source priority register 069
IPR069
8
8
2 ICLK
○○○
0008 7346h
ICU
Interrupt source priority register 070
IPR070
8
8
2 ICLK
○○○
0008 7347h
ICU
Interrupt source priority register 071
IPR071
8
8
2 ICLK
○○○
0008 7358h
ICU
Interrupt source priority register 088
IPR088
8
8
2 ICLK
○○○
0008 7359h
ICU
Interrupt source priority register 089
IPR089
8
8
2 ICLK
○○○
0008 735Ch
ICU
Interrupt source priority register 092
IPR092
8
8
2 ICLK
○○○
0008 735Dh
ICU
Interrupt source priority register 093
IPR093
8
8
2 ICLK
○○○
0008 7366h
ICU
Interrupt source priority register 102
IPR102
8
8
2 ICLK
○○○
0008 7367h
ICU
Interrupt source priority register 103
IPR103
8
8
2 ICLK
○○○
0008 736Ah
ICU
Interrupt source priority register 106
IPR106
8
8
2 ICLK
○○○
0008 736Bh
ICU
Interrupt source priority register 107
IPR107
8
8
2 ICLK
○○○
0008 7372h
ICU
Interrupt source priority register 114
IPR114
8
8
2 ICLK
○○○
0008 7376h
ICU
Interrupt source priority register 118
IPR118
8
8
2 ICLK
○○○
0008 7379h
ICU
Interrupt source priority register 121
IPR121
8
8
2 ICLK
○○○
0008 737Bh
ICU
Interrupt source priority register 123
IPR123
8
8
2 ICLK
○○○
0008 737Dh
ICU
Interrupt source priority register 125
IPR125
8
8
2 ICLK
○○○
0008 737Fh
ICU
Interrupt source priority register 127
IPR127
8
8
2 ICLK
○○○
0008 7381h
ICU
Interrupt source priority register 129
IPR129
8
8
2 ICLK
○○○
0008 7385h
ICU
Interrupt source priority register 133
IPR133
8
8
2 ICLK
○○○
0008 7386h
ICU
Interrupt source priority register 134
IPR134
8
8
2 ICLK
○○○
0008 738Ah
ICU
Interrupt source priority register 138
IPR138
8
8
2 ICLK
○○○
0008 738Bh
ICU
Interrupt source priority register 139
IPR139
8
8
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (7 / 21)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK ICLK < PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com