| Electronic Components Datasheet Search |
|
R5F52108ADFF Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F52108ADFF Datasheet(HTML) 10 Page - Renesas Technology Corp |
|
10 / 92 page ![]() R01DS0041EJ0050 Rev.0.50 Page 10 of 90 Apr 15, 2011 RX210 Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. Multi-function timer pulse unit 2 (MTU2) MTIOC0A, MTIOC0B MTIOC0C, MTIOC0D I/O The TGRA0 to TGRD0 input capture input/output compare output/ PWM output pins. MTIOC1A, MTIOC1B I/O The TGRA1 and TGRB1 input capture input/output compare output/ PWM output pins. MTIOC2A, MTIOC2B I/O The TGRA2 and TGRB2 input capture input/output compare output/ PWM output pins. MTIOC3A, MTIOC3B MTIOC3C, MTIOC3D I/O The TGRA3 to TGRD3 input capture input/output compare output/ PWM output pins. MTIOC4A, MTIOC4B MTIOC4C, MTIOC4D I/O The TGRA4 to TGRD4 input capture input/output compare output/ PWM output pins. MTIC5U, MTIC5V, MTIC5W Input The TGRU5, TGRV5, and TGRW5 input capture input/external pulse input pins. MTCLKA, MTCLKB, MTCLKC, MTCLKD Input Input pins for external clock signals. Port output enable 2 (POE2) POE0# to POE3#, POE8# Input Input pins for request signals to place the MTU2 pins in the high impedance state. 8-bit timer (TMR) TMO0 to TMO3 Output Compare match output pins. TMCI0 to TMCI3 Input Input pins for external clocks to be input to the counter. TMRI0 to TMRI3 Input Input pins for the counter reset. Realtime clock (RTC) RTCOUT Output Output pin for 1-Hz clock. RTCIC0 to RTCIC2 Input Tamper resistant event input pins. Serial communications interface (SCIc) Asynchronous mode/clock synchronous mode SCK0, SCK1, SCK5, SCK6, SCK8, SCK9 I/O Input/output pins for clock signals RXD0, RXD1, RXD5, RXD6, RXD8, RXD9 Input Input pins for received data TXD0, TXD1, TXD5, TXD6, TXD8, TXD9 Output Output pins for transmitted data CTS0#, CTS1#, CTS5#, CTS6#, CTS8#, CTS9# Input Input pins for controlling the start of transmission and reception RTS0#, RTS1#, RTS5#, RTS6#, RTS8#, RTS9# Output Output pins for controlling the start of transmission and reception Simple I2C mode SSCL0, SSCL1, SSCL5, SSCL6, SSCL8, SSCL9 I/O Input/output pins for the I2C clock SSDA0, SSDA1, SSDA5, SSDA6, SSDA8, SSDA9 I/O Input/output pins for the I2C data Simple SPI mode SCK0, SCK1, SCK5, SCK6, SCK8, SCK9 I/O Input/output pins for the clock SMISO0, SMISO1, SMISO5, SMISO6, SMISO8, SMISO9 I/O Input/output pins for slave transmission of data SMOSI0, SMOSI1, SMOSI5, SMOSI6, SMOSI8, SMOSI9 I/O Input/output pins for master transmission of data SS0# to SS11# Input Chip-select input pins Table 1.4 Pin Functions (2 / 4) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |