Electronic Components Datasheet Search
  English  ▼

X  

R5F52108ADFF Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F52108ADFF
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52108ADFF Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F52108ADFF Datasheet HTML 67Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 68Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 69Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 70Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 71Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 72Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 73Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 74Page - Renesas Technology Corp R5F52108ADFF Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 71 of 90
Apr 15, 2011
RX210 Group
4. I/O Registers
Under development Preliminary document
Specifications in this document are tentative and subject to change.
○○○
0008 8010h
CMT
Compare match timer start register 1
CMSTR1
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 8012h
CMT2
Compare match timer control register
CMCR
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 8014h
CMT2
Compare match timer counter
CMCNT
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 8016h
CMT2
Compare match timer constant register
CMCOR
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 8018h
CMT3
Compare match timer control register
CMCR
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 801Ah
CMT3
Compare match timer counter
CMCNT
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 801Ch
CMT3
Compare match timer constant register
CMCOR
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 8020h
WDT
WDT refresh register
WDTRR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8022h
WDT
WDT control register
WDTCR
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 8024h
WDT
WDT status register
WDTSR
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 8026h
WDT
WDT reset control register
WDTRCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8030h
IWDT
IWDT refresh register
IWDTRR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8032h
IWDT
IWDT control register
IWDTCR
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 8034h
IWDT
IWDT status register
IWDTSR
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 8036h
IWDT
IWDT reset control register
IWDTRCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8038h
IWDT
IWDT count stop control register
IWDTCSTPR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 80C0h
DA
D/A data register 0
DADR0
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 80C2h
DA
D/A data register 1
DADR1
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 80C4h
DA
D/A control register
DACR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 80C5h
DA
DADRm format select register
DADPR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8200h
TMR0
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8201h
TMR1
Timer counter control register
TCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8202h
TMR0
Timer control/status register
TCSR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8203h
TMR1
Timer control/status register
TCSR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8204h
TMR0
Time constant register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8205h
TMR1
Time constant register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8206h
TMR0
Time constant register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8207h
TMR1
Time constant register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8208h
TMR0
Timer counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8209h
TMR1
Timer counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 820Ah
TMR0
Timer counter control register
TCCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 820Bh
TMR1
Timer counter control register
TCCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 820Ch
TMR0
Time count start register
TCSTR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8210h
TMR2
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8211h
TMR3
Timer control register
TCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8212h
TMR2
Timer control/status registe
TCSR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8213h
TMR3
Timer control/status registe
TCSR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8214h
TMR2
Time constant register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8215h
TMR3
Time constant register A
TCORA
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8216h
TMR2
Time constant register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8217h
TMR3
Time constant register B
TCORB
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8218h
TMR2
Timer counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8219h
TMR3
Timer counter
TCNT
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 821Ah
TMR2
Timer counter control register
TCCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 821Bh
TMR3
Timer counter control register
TCCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 821Ch
TMR2
Time count start register
TCSTR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8280h
CRC
CRC control register
CRCCR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8281h
CRC
CRC data input register
CRCDIR
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8282h
CRC
CRC data output register
CRCDOR
16
16
2, 3 PCLKB
2 ICLK
○○○
0008 8300h
RIIC0
I2C bus control register 1
ICCR1
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8301h
RIIC0
I2C bus control register 2
ICCR2
8
8
2, 3 PCLKB
2 ICLK
○○○
0008 8302h
RIIC0
I2C bus mode register 1
ICMR1
8
8
2, 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (9 / 21)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK ICLK < PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com