Electronic Components Datasheet Search
  English  ▼

X  

PCA9663 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9663
Description  Parallel bus to 3 channel Fm I2C-bus controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9663 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9663 Datasheet HTML 1Page - NXP Semiconductors PCA9663 Datasheet HTML 2Page - NXP Semiconductors PCA9663 Datasheet HTML 3Page - NXP Semiconductors PCA9663 Datasheet HTML 4Page - NXP Semiconductors PCA9663 Datasheet HTML 5Page - NXP Semiconductors PCA9663 Datasheet HTML 6Page - NXP Semiconductors PCA9663 Datasheet HTML 7Page - NXP Semiconductors PCA9663 Datasheet HTML 8Page - NXP Semiconductors PCA9663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
PCA9663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 6 June 2011
2 of 66
NXP Semiconductors
PCA9663
Parallel bus to 3 channel Fm+ I2C-bus controller
Maskable interrupts
Fast-mode Plus I2C-bus capable and compatible with SMBus
Operating supply voltage: 3.0 V to 3.6 V (device and host interface)
I2C-bus I/O supply voltage: 3.0 V to 5.5 V
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
ESD protection exceeds 8000 V HBM per JESD22-A114, and 1000 V CDM per
JESD22-C101
Packages offered: LQFP48
3.
Applications
Add I2C-bus port to controllers/processors that do not have one
Add additional I2C-bus ports to controllers/processors that need multiple I2C-bus ports
Converts 8 bits of parallel data to serial data stream to prevent having to run a large
number of traces across the entire printed-circuit board
Entertainment systems
LED matrix control
Data intensive I2C-bus transfers
4.
Ordering information
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9663B
PCA9663
LQFP48
plastic low profile quad flat package;
48 leads; body 7
 7  1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com